Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD01060 Datasheet(PDF) 4 Page - Cree, Inc

Part # CSD01060
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD01060 Datasheet(HTML) 4 Page - Cree, Inc

  CSD01060_13 Datasheet HTML 1Page - Cree, Inc CSD01060_13 Datasheet HTML 2Page - Cree, Inc CSD01060_13 Datasheet HTML 3Page - Cree, Inc CSD01060_13 Datasheet HTML 4Page - Cree, Inc CSD01060_13 Datasheet HTML 5Page - Cree, Inc CSD01060_13 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
CSD01060 Rev. P
30
25
20
15
10
5
0
T
C Case Temperature (°C)
25
50
75
100
125
150
175
Figure 6. Power Derating
0.000
5.000
10.000
15.000
20.000
25.000
30.000
25
50
75
100
125
150
175
Typical Performance
Diode Model
Note: T
j = Diode Junction Temperature In Degrees Celsius
VT
RT
Diode Model CSD01060
Vf T = VT + If*RT
VT= 0.94 + (Tj * -1.2*10-3)
RT= 0.015 + (Tj * 6.4*10-3)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com