Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE6 Datasheet(PDF) 2 Page - Cree, Inc

Part # LE6
Description  6 Adjustable LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LE6 Datasheet(HTML) 2 Page - Cree, Inc

  LE6 Datasheet HTML 1Page - Cree, Inc LE6 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photometry
LE6 ITL TEST #: 61449 TILTED TO 30°
Zonal Lumen Summary
Zone
Lumens
% Fix
0-30
182
36.3%
0-40
262
52.3%
0-60
393
78.8%
0-90
487
97.6%
0-180
500
100%
Reference www.cree.com/lighting
for detailed photometric data.
Intensity (Candlepower)
Summary
Angle
0°
90°
180°
0°
299
299
299
5°
312
293
270
15°
304
250
177
25°
256
181
91
35°
206
120
43
45°
170
82
17
55°
145
54
0
65°
117
30
0
75°
81
14
0
85°
50
3
0
90°
40
0
0
95°
30
0
0
105°
13
0
0
Product Specifications
CrEE TrUEWHITE® TECHnOLOGy
A revolutionary way to generate high-quality white light, Cree TrueWhite®
Technology mixes the light from the highest performing red and unsaturated
yellow LEDs. This patented approach delivers an exclusive combination of
90+ CRI, beautiful light characteristics, and lifelong color consistency, all
while maintaining high luminous efficacy—a true no compromise solution.
COnSTrUCTIOn & MATErIALS
• Durable die-cast aluminum housing protects LEDs, driver and power
supply. Adjustable flip clips resist heat while providing retention for
flush ceiling fit.
• Thermal management system uses integral heat sink to conduct heat away
from LEDs and transfer it to the plenum space for optimal performance.
LED junction temperatures stay below specified maximum even when
installed in attic insulation with ambient temperatures exceeding 60 C.
• Suitable for insulated and non-insulated ceilings.
• Adjustable trim offers vertical lens adjustment from 10 to 30 degrees.
OPTICAL SySTEM
• Unique combination of reflective and refractive optical components
achieves a uniform, comfortable appearance while eliminating pixelation
and color fringing. This ensures smooth light patterns are projected with
no hot spots and minimal striations.
• Components work together to optimize distribution, balancing the
delivery of high illuminance levels on horizontal surfaces with an
ideal amount of light on walls and vertical surfaces. This increases the
perception of spaciousness.
• Diffusing lens shields direct view of LEDs while adjustable trim enables
10 to 30 degrees vertical lens adjustment to wash a wall with light.
ELECTrICAL SySTEM
• Integral, high-efficiency driver and power supply.
• Power Factor > 0.9 nominal
• Input Voltage: 120V, 60Hz
• Dimming: Dimmable to 20% with most incandescent dimmers.
Reference www.cree.com/lighting for recommended dimmers.
rEGULATOry & VOLUnTAry QUALIfICATIOnS
• cULus Listed
• Suitable for damp locations.
NOTE: Reference www.cree.com/lighting
for detailed installation instructions.
*Reference www.cree.com/lighting
for a list of compatible housings.
0˚
15˚
30˚
110
220
330
90°
75
60°
45°
°
90
0°
180°
©2012Cree,Inc.and/oroneofitssubsidiaries.Allrightsreserved.Forinformational
purposes only. See www.cree.com/patents for patents that cover these products.
Cree®, the Cree logo, Cree TrueWhite®, TrueWhite®, and the Cree TrueWhite
Technology logo are registered trademarks, and LE6™ is a are trademark of Cree,
Inc. or one of its subsidiaries.
Installation
• Designed to easily install in standard
6" downlight housings from Cree and
other manufacturers.*
• Quick install system utilizes a
unique retention feature. Simply
attach socket to LE6. Move light to
ready position and slide into housing.
Spacing
Luminaires 3' from wall
on 3' centers
Luminaires 3' from wall
on 4' centers
Footcandle Values
Footcandle Values
Height
Between
Centers
On Centers
Between
Centers
On Centers
10
13
13
8
10
9
18
18
12
14
8
18
18
13
13
7
15
15
11
11
6
13
13
9
9
5
11
11
8
8
4
9
9
7
7
3
8
8
6
6
2
7
7
5
5
1
6
6
5
5
Average initial illuminance in footcandles, reflectances = 80/50/20, ceiling
height = 10', based on minimum of 5 luminaires, placed in a hallway with
width = 6', aimed at center points 3' and 4' apart respectively.
Application reference
LE6TM
T
(800) 473-1234 F (800) 890-7507
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com