Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE6 Datasheet(PDF) 1 Page - Cree, Inc

Part # LE6
Description  6 Adjustable LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LE6 Datasheet(HTML) 1 Page - Cree, Inc

  LE6 Datasheet HTML 1Page - Cree, Inc LE6 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LE6
Product Description
The LE6™ adjustable LED downlight delivers 500 lumens of exceptional 90+ CRI
light while achieving over 41 lumens per watt. This breakthrough performance is
achieved by combining the high efficacy and high-quality light of Cree TrueWhite®
Technology. The LE6 is available in warm or neutral color temperatures and can be
adjusted from 10 to 30 degrees for smooth wall washing. It easily installs into most
standard six-inch recessed IC or non-IC housings, making the LE6 perfect for use
in commercial new construction or retrofit applications.
Performance Summary
Utilizes Cree TrueWhite® Technology
Active Color Management
Delivered Light Output: 500 lumens (at 30 degree tilt)
Input Power: 12 watts
CRI: 90
CCT: 2700K, 3500K
Warranty: 10 years†
Lifetime: Designed to last 50,000 hours
Dimming: Dimmable to 20%*
Ordering Information
Example: LE6
Product
LE6
2700K, Edison Base
LE6-GU24
2700K, GU24 Base
LE6C
3500K, Edison Base
LE6C-GU24
3500K, GU24 Base
Housings & Accessories
Reference Housing & Accessory documents for more details.
Housings (Edison or GU24)
H6
Architectural
RC6
New Construction
RR6
Retrofit
SC6
Cylindrical Surface Mount
SC6-CM
Cylindrical Cord Mount
SC6-WM
Cylindrical Wall Mount
* Reference www.cree.com/lighting for recommended dimmers.
† See www.cree.com/lighting for warranty terms.
7.375
5.5
6.25
Rev. Date 12/19/2012
LE6TM
6” Adjustable LED Downlight
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada


Similar Part No. - LE6

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LE600 SCHNEIDER-LE600 Datasheet
82Kb / 2P
Line-R 600VA Automatic Voltage Regulator
May 19, 2020
logo
STMicroelectronics
LE60AB STMICROELECTRONICS-LE60AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE60ABD STMICROELECTRONICS-LE60ABD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE60ABDTR STMICROELECTRONICS-LE60ABDTR Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE60ABZ STMICROELECTRONICS-LE60ABZ Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
More results

Similar Description - LE6

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
Dimmable LED Downlight
logo
Dialight Corporation
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
DuroSite짰 Series LED Downlight
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
SafeSite짰 Series LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
CR6 LED Downlight - 6
LR4 CREE-LR4 Datasheet
424Kb / 2P
Architectural LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
Deep Recess LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com