Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX83322-RBB Datasheet(PDF) 4 Page - Axiomtek Co., Ltd.

Part # EX83322-RBB
Description  IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX83322-RBB Datasheet(HTML) 4 Page - Axiomtek Co., Ltd.

  EX83322-RBB Datasheet HTML 1Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 2Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 3Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 4Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 5Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EX83000 Series
www.EtherWAN.com
4
rev. A2
Application Diagram
EX83000
EX83000
EX83000
Area Dispatch
Control Center
Substation
(161KV/69KV)
EX83000
EX83000
Substation
(161KV/69KV)
EX87000
EL1141
SE6300
IED
Sign
Senser
EL1141
EX83000
0
IP Cameras
SE6300
S
0
RTU
IED
IED
IED
RTU
SE6100
Embedded
Computer
LCD Display
SE6100
S
IED
IED
Computer
Control Center
Substation
(161KV/69KV)
40KM
Sing
le-M
od
e
30.4c
E
EX87000
α-Ring / RSTP
α-Ring / RSTP
EX83000
EX83000
Dimensions
Top
Side
Bottom
Back
Front
84mm (3.3”)
84mm (3.3”)
125mm (4.92”)
145mm (5.71”)
The EX83000 Series is deployed beside power
substations to provide high EMS operation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com