Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX83322-RBB Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX83322-RBB
Description  IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX83322-RBB Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX83322-RBB Datasheet HTML 1Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 2Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 3Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 4Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 5Page - Axiomtek Co., Ltd. EX83322-RBB Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX83000 Series
www.EtherWAN.com
1
rev. A2
Overview
EtherWAN’s EX83000 Series provides a Hardened Fully Managed 18-port switching platform combining high performance switching
backbone with robust and secure management features required for mission critical and harsh environments where sustained
connectivity is crucial.
The EX83000 Series is equipped with Sixteen 10/100BASE Fast Ethernet ports, in combination with up to Two Gigabit, Fixed Fiber,
or SFP Combo port options. Mountable on a DIN-rail. The EX83000 Series is equipped with EtherWAN’s Alpha-Ring self-healing
technology, providing less than 15ms fault recovery time making it ideal for applications intolerant to interruption.
Users are able to access management features such as port security, IGMP snooping, VLANs, GARP protocols, LACP, and
GOOSE messaging to name a few, via web browser, Telnet, SNMP, RMON, TFTP, and RS-232 console interfaces. With its
hardened-grade specifications and IEC61850 & IEEE1613 certifications, the EX83000 Series is capable of operating under high
EMI environments at the temperatures ranging from -40°C to 75°C, making it an ideal choice for harsh applications.
EtherWAN — "When Connectivity is Crucial."
Spotlight
HardenedGrade
◦ Wide operating temperature range from -40°C to 75°C (-40°F to 167°F) for extreme environments
◦ Fanless and ruggedized housing
◦ High shock and electric noise immunity
◦ IEC61850/IEEE1613 compliant for applications in power substation zones
VersatileConnectivity
◦ Provides 16-port 10/100BASE-TX/FX/BX/SFP plus 2-port Gigabit-SX/LX/BX/SFP combo
EX83000Series
IEC61850/IEEE1613ManagedHardened16-port10/100BASEwith
2-portGigabitcomboEthernetSwitch
NEMA
TS2
SFP
Option
61850-3
IEC


Similar Part No. - EX83322-RBB

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX830 EXTECH-EX830 Datasheet
347Kb / 13P
1000 Amp Clamp Meters with IR Thermometer
EX830 EXTECH-EX830 Datasheet
243Kb / 1P
1000A Clamp Meters with IR Thermometers
More results

Similar Description - EX83322-RBB

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX27000 AXIOMTEK-EX27000 Datasheet
1Mb / 6P
IEC61850-3/IEEE1613 Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX78900 AXIOMTEK-EX78900 Datasheet
619Kb / 5P
Hardened Managed 16-port Gigabit Ethernet Switch
EX47000 AXIOMTEK-EX47000 Datasheet
657Kb / 4P
IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX63000 AXIOMTEK-EX63000 Datasheet
545Kb / 6P
Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX78000 AXIOMTEK-EX78000 Datasheet
719Kb / 6P
Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
EX87000 AXIOMTEK-EX87000 Datasheet
736Kb / 6P
IEC61850-3/IEEE1613 Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX89000 AXIOMTEK-EX89000 Datasheet
732Kb / 6P
IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com