Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2971 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS2971
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS2971 Datasheet HTML 35Page - Semtech Corporation GS2971 Datasheet HTML 36Page - Semtech Corporation GS2971 Datasheet HTML 37Page - Semtech Corporation GS2971 Datasheet HTML 38Page - Semtech Corporation GS2971 Datasheet HTML 39Page - Semtech Corporation GS2971 Datasheet HTML 40Page - Semtech Corporation GS2971 Datasheet HTML 41Page - Semtech Corporation GS2971 Datasheet HTML 42Page - Semtech Corporation GS2971 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
GS2971 3Gb/s, HD, SD SDI Receiver
Data Sheet
45898 - 2
September 2012
39 of 148
Figure 4-7: PCLK to Data and Control Signal Output Timing - DDR Mode
The GS2971 has a 20-bit output parallel bus, which can be configured for different
output formats as shown in Table 4-5.
I/O Timing Specs:
3.367ns
DBUS[19:10]
PCLK_OUT
Y0
Y1
Cr0
Cb1
Y2
6.734ns
20%
80%
tr
20%
80%
tf
Cr1
Y3
DDR Mode:
toh
tod
toh
tod
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
toh
tr/tf (min)
Cload
tod
tr/tf (max)
Cload
dbus
0.450ns
0.400ns
1.900ns
1.500ns
0.400ns
0.300ns
1.800ns
1.100ns
stat
0.450ns
0.500ns
2.200ns
1.600ns
0.450ns
0.400ns
2.500ns
1.500ns
10b3G Mode
3.3V
1.8V
6 pF
15 pF
6 pF
15 pF
Table 4-5: GS2971 Output Video Data Format Selections
Output Data
Format
Pin/Register Bit Settings
DOUT[9:0]
DOUT[19:10]
20BIT
/10BIT
RATE_
SEL0
RATE_
SEL1
SMPTE_
BYPASS
DVB-ASI
20-bit
demultiplexed HD
format
HIGHLOW
LOW
HIGHLOW
Chroma
Luma
20-bit data output
HD format
HIGH
LOW
LOW
LOW
LOW
DATA
DATA
20-bit
demultiplexed SD
format
HIGHHIGHX
HIGHLOW
Chroma
Luma
20-bit data output
SD format
HIGHHIGH
X
LOW
LOW
DATA
DATA
10-bit multiplexed
3G DDR format
LOW
LOW
HIGHHIGH
LOW
Driven LOW
Data Stream One/
Data Stream Two*
10-bit multiplexed
HD format
LOW
LOW
LOW
HIGH
LOW
Driven LOW
Luma/Chroma
10-bit data output
HD format
LOW
LOW
LOW
LOW
LOW
Driven LOW
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com