Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2971 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2971
Description  3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2971 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2971 Datasheet HTML 1Page - Semtech Corporation GS2971 Datasheet HTML 2Page - Semtech Corporation GS2971 Datasheet HTML 3Page - Semtech Corporation GS2971 Datasheet HTML 4Page - Semtech Corporation GS2971 Datasheet HTML 5Page - Semtech Corporation GS2971 Datasheet HTML 6Page - Semtech Corporation GS2971 Datasheet HTML 7Page - Semtech Corporation GS2971 Datasheet HTML 8Page - Semtech Corporation GS2971 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
GS2971 3Gb/s, HD, SD SDI Receiver
Data Sheet
45898 - 2
September 2012
2 of 148
Description
The GS2971 is a multi-rate SDI integrated Receiver which
includes complete SMPTE processing, as per SMPTE 425M,
292M and SMPTE 259M-C. The SMPTE processing features
can be bypassed to support signals with other coding
schemes.
The GS2971 integrates Gennum's adaptive cable equalizer
technology, achieving unprecedented cable lengths and
jitter tolerance. It features DC restoration to compensate for
the DC content of SMPTE pathological signals.
The device features an Integrated Reclocker with an
internal VCO and a wide Input Jitter Tolerance (IJT) of 0.7UI.
A serial digital loop-through output is provided, which can
be configured to output either reclocked or non-reclocked
serial digital data. The serial digital output can be connected
to an external cable driver.
The device operates in one of four basic modes: SMPTE
mode, DVB-ASI mode, Data-Through mode or Standby
mode.
In SMPTE mode (the default operating mode), the GS2971
performs full SMPTE processing, and features a number of
data integrity checks and measurement capabilities.
The device also supports ancillary data extraction, and can
provide entire ancillary data packets through
host-accessible registers. It also provides a variety of other
packet detection and error handling features. All of these
processing features are optional, and may be individually
enabled or disabled through register programming.
Both SMPTE 425M Level A and Level B inputs are supported
with optional conversion from Level B to Level A for 1080p
50/59.94/60 4:2:2 10-bit inputs.
In DVB-ASI mode, sync word detection, alignment and
8b/10b decoding is applied to the received data stream.
In Data-Through mode all forms of SMPTE and DVB-ASI
processing are disabled, and the device can be used as a
simple serial to parallel converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal processing is carried out and
the parallel output is held static.
Parallel data outputs are provided in 20-bit or 10-bit format
for 3Gb/s, HD and SD video rates, with a variety of mapping
options. As such, this parallel bus can interface directly with
video processor ICs, and output data can be multiplexed
onto 10 bits for a low pin count interface.
Up to eight channels (two audio groups) of serial digital
audio may be extracted from the video data stream, in
accordance with SMPTE 272M-C and SMPTE 299M.
The output audio formats supported by the device include
AES/EBU and I2S, and two other industry standard serial
digital formats. A variety of audio processing features are
provided to ease implementation. Audio clocks are
internally generated and provided by the device.
Application: Multi-input Video Monitoring System
GS4911
Analog
Sync
Sync
Seperator
Video
Formatter
Video
Memory
HV F/PCLK
Audio Clocks
10-bit
HV F/PCLK
AE S OUT 1/2
AE S OUT 3/4
AE S OUT 5/6
AE S OUT 7/8
HV F/PCLK
HV F/PCLK
Audio
Select
10-bit
10-bit
On Screen
Display
Generator
AES BUS
Audio
Processor
HV/DE/PCLK
DVI/
VGA DAC
Video
Output
3G-SDI
Input 1
GS2971
GS2971
GS2971
3G-SDI
Input 2
3G-SDI
Input n
Application: Multi-format Audio De-embedder Module
PCLK
10-bit
GS2962
DAC
Switch
Logic
&
Drivers
Analog
Audio
Outputs
AES
Audio
Outputs
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
Audio Clocks
SD/HD/3G-SDI
GS2971
SD/HD/3G-SDI
Application: Multi-format Digital VTR/Video Server
Storage:
Tape/HDD/Solid State
Audio
Processor
Video
Processor
10-bit
HV F/P CLK
Audio Outputs
V ideo Output
Audio Clocks
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
SD/HD/3G-SDI
GS2971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com