Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC704CSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC704CSTRT
Description  500mA Low Vin, Very Low Ron Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC704CSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC704CSTRT Datasheet HTML 1Page - Semtech Corporation SC704CSTRT Datasheet HTML 2Page - Semtech Corporation SC704CSTRT Datasheet HTML 3Page - Semtech Corporation SC704CSTRT Datasheet HTML 4Page - Semtech Corporation SC704CSTRT Datasheet HTML 5Page - Semtech Corporation SC704CSTRT Datasheet HTML 6Page - Semtech Corporation SC704CSTRT Datasheet HTML 7Page - Semtech Corporation SC704CSTRT Datasheet HTML 8Page - Semtech Corporation SC704CSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT

SC704/SC705
500mA Low Vin, Very Low Ron
Load Switch
© 205 Semtech Corporation
Features
Input Voltage Range – .V to 3.6V
500mA Continuous Output Current
Ultra-Low Ron – 90mΩ
Automatic Output Discharge Circuit
Fast Turn-on Option With No Output Discharge
Circuit – SC704
Extended Soft Start Option With Automatic Out-
put Discharge Circuit – SC705
Low Shutdown Quiescent Current
Hardened ESD Protection 5kV
Package: CSP – 0.76mm × 0.76mm, 0.4mm Pitch
Applications
Smart Phones
Tablet PCs
GPS devices
Battery powered equipment
Other portable Device
Description
The SC704/SC705 is a low input voltage, low Ron load
switch, designed for use in battery powered applications.
Integrated circuitry controls the switch to minimize resis-
tance over a wide range of conditions.
The device provides controlled soft-start to limit inrush
current. The SC705 features an automatic discharge circuit
which discharges the output when the part is disabled.
The SC704/SC705 is offered in an ultra-small 4-bump
0.76mm×0.76mm Chip Scale Package (CSP) which enables
very small board area implementations. The SC704/SC705
has an operating temperature range of -40°C to +85°C.
SC704 / SC705
SUPPLY
LOAD
VOUT
VIN
EN
GND
ENABLE
VIN
1µF
1µF
Typical Application Circuit
Rev. 2.4
Device
Package
Automatic
Discharge Rising Time
SC704
CSP
No
6.7µs(Typ.)
SC705
CSP
Yes
37µs(Typ.)


Similar Part No. - SC704CSTRT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SC70 DIODES-SC70 Datasheet
426Kb / 15P
0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
logo
Amkor Technology
SC70 AMKOR-SC70 Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
Global Mixed-mode Techn...
SC70-3 GMT-SC70-3 Datasheet
127Kb / 1P
Package Outline
SC70-4 GMT-SC70-4 Datasheet
128Kb / 1P
Package Outline
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
Surface mounted, 5 pin package Package outline
More results

Similar Description - SC704CSTRT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45560 ONSEMI-NCP45560 Datasheet
138Kb / 8P
Controlled Load Switch with Low RON
May, 2013 ??Rev. 0
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
ON Semiconductor
NCP439 ONSEMI-NCP439 Datasheet
150Kb / 9P
2A Very Low Ron Switches at Low Vin Voltage
July, 2013 ??Rev. 0
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Semtech Corporation
SC724 SEMTECH-SC724 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
2A Low Vin, Very Low Ron Load Switch
logo
ON Semiconductor
NCP439 ONSEMI-NCP439_16 Datasheet
107Kb / 9P
2A Very Low Ron Switches at Low Vin Voltage
August, 2016 ??Rev. 1
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236090 UTC-US2236090 Datasheet
136Kb / 5P
ULTRA-SMALL, LOW-INPUTVOLTAGE LOW RON LOAD SWITCH
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com