Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC704CSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC704CSTRT
Description  500mA Low Vin, Very Low Ron Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC704CSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC704CSTRT Datasheet HTML 6Page - Semtech Corporation SC704CSTRT Datasheet HTML 7Page - Semtech Corporation SC704CSTRT Datasheet HTML 8Page - Semtech Corporation SC704CSTRT Datasheet HTML 9Page - Semtech Corporation SC704CSTRT Datasheet HTML 10Page - Semtech Corporation SC704CSTRT Datasheet HTML 11Page - Semtech Corporation SC704CSTRT Datasheet HTML 12Page - Semtech Corporation SC704CSTRT Datasheet HTML 13Page - Semtech Corporation SC704CSTRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SC704/SC705
0
Application Information
Operation
The SC704/SC705 are integrated high-side PMOS load
switches that are designed to support up to 500mA con-
tinuous output current and operate from an input voltage
between .V to 3.6V. The internal PMOS pass element has
a very low on resistance of 90mΩ (typical) at .8V. The
Enable pin incorporates a 5MΩ (typical) pull-down resis-
tor. The SC704/SC705 also provides ultra-low low shut-
down and quiescent current for extended battery life
during shutdown and light loading conditions.
The SC705 includes an automatic output discharge func-
tion which employs a 220Ω (typical) discharge path to
ground when the EN pin is disabled. The SC705 is also
designed for longer output rise time to decrease input
inrush current during power on.
Enable
The gate of the internal PMOS FET of SC704/SC705 is con-
trolled by EN pin logic circuitry. If the EN pin is floating,
the internal switch will be turned off. In SC705 the EN pin
also controls the automatic discharge function.
Input Capacitor
In order to improve voltage drop, noise and bounce on
VIN pin, a filter/decoupling capacitor between VIN to GND
is recommended. A uf ceramic capacitor will be suffi-
cient for most application conditions. However it should
be noted that suppressing bounce on input loop after EN
from high to low can require greater capacitor values
depending on the particular design being implemented.
During certain shutdown conditions, as in the case when
input power supply is abruptly removed, the input voltage
may tend to drop faster than the output voltage. In this
event a reverse current through the body diode of inter-
nal PMOS FET from VOUT to VIN can occur. To limit this
reverse current, Cin should be made greater than Cout to
sink current from the output.
Output Capacitor
A uF filter capacitor is added on the VOUT pin to sup-
press noise on the evaluation board. If a larger output
capacitance value is used, then input inrush current
should be considered since the power-on transient is
dependent on the output capacitor size. It should also be
noted that SC705 has longer turn-on delay time and rise
time than SC704 so SC705 will significantly improve input
inrush current during power-on application conditions.
Board Layout Considerations
Input capacitor(C) and output capacitor(C2) should be
placed as close to the SC704/SC705 as possible, and all
traces should be as short as possible and as wide as pos-
sible to minimize the case-to-ambient thermal impedance
and parasitic electrical effects.
Evaluation Board Information
Both T and T2 test points are Kelvin connections which
can be used to minimize R
O.
A jumper can be used
between VIN and EN on J to enable the part. To disable
the part the jumper can be connected between EN and
GND on J.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com