Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC724CSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC724CSTRT
Description  2A Low Vin, Very Low Ron Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC724CSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC724CSTRT Datasheet HTML 1Page - Semtech Corporation SC724CSTRT Datasheet HTML 2Page - Semtech Corporation SC724CSTRT Datasheet HTML 3Page - Semtech Corporation SC724CSTRT Datasheet HTML 4Page - Semtech Corporation SC724CSTRT Datasheet HTML 5Page - Semtech Corporation SC724CSTRT Datasheet HTML 6Page - Semtech Corporation SC724CSTRT Datasheet HTML 7Page - Semtech Corporation SC724CSTRT Datasheet HTML 8Page - Semtech Corporation SC724CSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SC724/SC725
4
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JS-001-2012.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
VIN to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +4.3
EN to GND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +4.3
OUT to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3 to +V
VIN
ESD Protection Level(1) (kV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Recommended Operating Conditions
Ambient Temperature Range (°C) . . . . . . . . . -40 < T
A < +85
V
VIN (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 to 3.6
Maximum Output Current (A) . . . . . . . . . . . . . . . . . . . . . . . . 2
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . 160
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +125
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless noted otherwise, T
A = 25°C for typical, -40°C < TA = TJ < 85°C for min and max. VVIN = 1.8V, CIN = 1μF, COUT = 1μF, VEN = VVIN.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
On Resistance (Ron)
R
ON
V
VIN =3.6V, IOUT = 200mA, V
V
EN =1.5V
24
mΩ
V
VIN =2.5V, IOUT = 200mA, V
V
EN =1.5V
29
mΩ
V
VIN =1.8V, IOUT = 200mA, V
V
EN =1.5V
36
47
mΩ
V
VIN =1.5V, IOUT = 200mA, V
V
EN =1.5V
43
mΩ
V
VIN =1.2V, IOUT = 200mA, V
V
EN =1.0V
57
mΩ
Quiescent Current (1)
I
Q
V
VIN = VEN = 3.6V, VOUT = open
0.81
2
µA
Enable
EN Input High Threshold
V
EN-IH
1.1
V
EN Input Low Threshold
V
EN-IL
0.3
V
EN Input Pull-Down Resistance
R
EN
5.0
MΩ
SC724
Shutdown Current
I
SD
V
EN =0V, VOUT = open
1
µA
V
EN =0V, VOUT = open, TA = 25°C
°C
0.2
µA
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com