Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC724CSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC724CSTRT
Description  2A Low Vin, Very Low Ron Load Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC724CSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC724CSTRT Datasheet HTML 4Page - Semtech Corporation SC724CSTRT Datasheet HTML 5Page - Semtech Corporation SC724CSTRT Datasheet HTML 6Page - Semtech Corporation SC724CSTRT Datasheet HTML 7Page - Semtech Corporation SC724CSTRT Datasheet HTML 8Page - Semtech Corporation SC724CSTRT Datasheet HTML 9Page - Semtech Corporation SC724CSTRT Datasheet HTML 10Page - Semtech Corporation SC724CSTRT Datasheet HTML 11Page - Semtech Corporation SC724CSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SC724/SC725
8
Time (5ms/div)
Start Up by VIN
Start Up by EN
Start Up by EN
1.8Vin, 0.9
Ω
Typical Characteristics (SC725)
V
OUT
1V/div.
V
IN
1V/div.
I
OUT
1A/div.
3.6Vin,1.8
Ω
Time (0.2ms/div)
3.6Vin,1.8
Ω
EN
2V/div.
Time (0.1ms/div)
Time (5ms/div)
Shut Down by VIN
3.6Vin,1.8
Ω
V
IN
1V/div.
I
OUT
1A/div.
V
OUT
1V/div.
EN
2V/div.
Time (5µs/div)
Shut Down by EN
3.6Vin, 18
Ω
V
OUT
1V/div.
V
IN
1V/div.
V
OUT
0.5V/div.
V
IN
0.5V/div.
I
OUT
1A/div.
I
OUT
0.2A/div.
V
OUT
1V/div.
V
IN
1V/div.
EN
2V/div.
I
IN
1A/div.
I
OUT
1A/div.
I
IN
1A/div.
3.6V
1.8V
1.1V
Temperature (°C)
EN High Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com