Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC705EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC705EVB
Description  500mA Low Vin, Very Low Ron Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC705EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC705EVB Datasheet HTML 1Page - Semtech Corporation SC705EVB Datasheet HTML 2Page - Semtech Corporation SC705EVB Datasheet HTML 3Page - Semtech Corporation SC705EVB Datasheet HTML 4Page - Semtech Corporation SC705EVB Datasheet HTML 5Page - Semtech Corporation SC705EVB Datasheet HTML 6Page - Semtech Corporation SC705EVB Datasheet HTML 7Page - Semtech Corporation SC705EVB Datasheet HTML 8Page - Semtech Corporation SC705EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SC704/SC705
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
EN Input Pull-Down Resistance
R
EN
5
MΩ
SC704
Turn-on Delay Time
T
DT
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
5
µs
V
IN =3.6V, IOUT = 200mA, V
V
EN =.5V
.5
µs
Rising Time
T
RT
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
6.7
µs
Falling Time
T
FT
V
IN =.8V, IOUT = 500mA, V
V
EN =.5V
3.7
µs
SC705
Turn-on Delay Time
T
DT
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
00
µs
V
IN =3.6V, IOUT = 200mA, V
V
EN =.5V
50
µs
Rising Time
T
RT
V
IN =.8V, IOUT = 200mA, V
V
EN =.5V
37
µs
Falling Time
T
FT
V
IN =.8V, IOUT = 500mA, V
V
EN =.5V
7.2
µs
Output Pull-Down Resistance
R
PD
V
IN =.8V
220
Ω
Electrical Characteristics (continued)
Notes:
() I
Q current includes EN pull-down current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com