Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC705EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC705EVB
Description  500mA Low Vin, Very Low Ron Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC705EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC705EVB Datasheet HTML 4Page - Semtech Corporation SC705EVB Datasheet HTML 5Page - Semtech Corporation SC705EVB Datasheet HTML 6Page - Semtech Corporation SC705EVB Datasheet HTML 7Page - Semtech Corporation SC705EVB Datasheet HTML 8Page - Semtech Corporation SC705EVB Datasheet HTML 9Page - Semtech Corporation SC705EVB Datasheet HTML 10Page - Semtech Corporation SC705EVB Datasheet HTML 11Page - Semtech Corporation SC705EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SC704/SC705
8
Pin Descriptions
Pin #
Pin
Name
Pin Function
A
VIN
Input supply voltage.
B
EN
Enable input. Drive high to turn on the switch; drive low to turn off the switch. Floating is low. A 5MΩ internal resis-
tor is connected to GND. In SC705 the EN input engages the automatic discharge function when the input is at logic
Low.
A2
OUT
Output voltage.
B2
GND
Ground.
Turn-on
Delay
Rise
Time
Turn-off
Delay
90%
10%
VEN
VOUT
Fall
Time
(Turn on time)=(Turn-on Delay)+(Rise Time)
Timing Diagram
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com