Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFP25 Datasheet(PDF) 10 Page - ASM GmbH

Part # PCFP25
Description  Ultra flat Profile Housing with analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP25 Datasheet(HTML) 10 Page - ASM GmbH

Back Button PCFP25 Datasheet HTML 5Page - ASM GmbH PCFP25 Datasheet HTML 6Page - ASM GmbH PCFP25 Datasheet HTML 7Page - ASM GmbH PCFP25 Datasheet HTML 8Page - ASM GmbH PCFP25 Datasheet HTML 9Page - ASM GmbH PCFP25 Datasheet HTML 10Page - ASM GmbH PCFP25 Datasheet HTML 11Page - ASM GmbH PCFP25 Datasheet HTML 12Page - ASM GmbH PCFP25 Datasheet HTML 13Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
POSICHRON®
OutputSpecificationSSI
Description
The data transmission takes place by means of the two signals CLOCK and DATA. The pro-
cessing unit (PLC, microcomputer) sends pulse sequences which clock the data transmissi-
on at the required transfer rate. With the first falling edge of the pulse sequence the position
of the sensor is recorded and stored. The following rising edges control the bit-by-bit transfer
of the data word. After a delay time the next new position information can be transwithted.
Dataformat
(Train of 26 pulses)
Synchronousserial
interfaceSSI
Output
RS422
Excitation voltage
10 ... 36 V DC, residual ripple 10 mV
SS
Excitation current
Typ. 80 mA, 150 mA max.
Clock frequency
100 kHz ... 1 MHz
Code
Gray code, dual code
Resolution
≥ 5 µm
Delay between pulse trains
>25 µs
Stability (temperature)
±50 x 10-6 / °C f.s.
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
Sensorcircuit
Subsequentcircuit
Cablelength
Baudrate
50 m
100-1000 kHz
100 m
100-300 kHz
Note:
Extension of the cable length will reduce the
maximum transmission rate.
The signals CLOCK/CLOCK and DATA/DATA
must be connected in a twisted pair cable,
common shielded.
CLOCK
CLOCK
DATA
DATA
Signaldiagram
Error indication see page 9.
Signalwiring
Signal
Plugconnection
Cableconnection
Viewtosensor
connector
Excitation +
1
white
Excitation GND
2
brown
CLOCK
3
green
CLOCK
4
yellow
DATA
5
grey
DATA
6
pink
DB-PCFP25-E-2013-11
www.asm-sensor.com
10/13
© ASM GmbH
info@asm-sensor.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com