Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F38 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F38
Description  Quad Two-Input NAND Buffer (Open Collector)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F38 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F38 Datasheet HTML 1Page - National Semiconductor (TI) 74F38 Datasheet HTML 2Page - National Semiconductor (TI) 74F38 Datasheet HTML 3Page - National Semiconductor (TI) 74F38 Datasheet HTML 4Page - National Semiconductor (TI) 74F38 Datasheet HTML 5Page - National Semiconductor (TI) 74F38 Datasheet HTML 6Page - National Semiconductor (TI) 74F38 Datasheet HTML 7Page - National Semiconductor (TI) 74F38 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
65
97
125
65
145
65
130
ns
tPHL
An Bn to On
15
21
50
10
55
15
55
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
38
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reels
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com