Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F38 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F38
Description  Quad Two-Input NAND Buffer (Open Collector)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F38 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F38 Datasheet HTML 1Page - National Semiconductor (TI) 74F38 Datasheet HTML 2Page - National Semiconductor (TI) 74F38 Datasheet HTML 3Page - National Semiconductor (TI) 74F38 Datasheet HTML 4Page - National Semiconductor (TI) 74F38 Datasheet HTML 5Page - National Semiconductor (TI) 74F38 Datasheet HTML 6Page - National Semiconductor (TI) 74F38 Datasheet HTML 7Page - National Semiconductor (TI) 74F38 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
An Bn
Inputs
1020
20 mA b12 mA
On
Outputs
OC
1066 (80)
OC
64 mA (48 mA)
OC e Open Collector
Function Table
Inputs
Output
AB
O
LL
H
LH
H
HL
H
HH
L
H e HIGH Voltage Level
L e LOW Voltage Level
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com