Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS2EX Datasheet(PDF) 4 Page - ASM GmbH

Part # PRAS2EX
Description  Magnetic Angle Sensor with Analog Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS2EX Datasheet(HTML) 4 Page - ASM GmbH

  PRAS2EX Datasheet HTML 1Page - ASM GmbH PRAS2EX Datasheet HTML 2Page - ASM GmbH PRAS2EX Datasheet HTML 3Page - ASM GmbH PRAS2EX Datasheet HTML 4Page - ASM GmbH PRAS2EX Datasheet HTML 5Page - ASM GmbH PRAS2EX Datasheet HTML 6Page - ASM GmbH PRAS2EX Datasheet HTML 7Page - ASM GmbH PRAS2EX Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
52
CAT-PR/PT-E-11
ASM
www.asm-sensor.com
Outputsignal
(CW increasing)
Outputsignal
(CCW increasing)
POSIROT®
PRAS/PRDS
Characteristicsformagneticanglesensors
Range [°]
Marking
Range [°]
Marking
Marking
Marking
Exampleangular
range 90°
Exampleangular
range 360°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com