Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS2EX Datasheet(PDF) 5 Page - ASM GmbH

Part # PRAS2EX
Description  Magnetic Angle Sensor with Analog Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS2EX Datasheet(HTML) 5 Page - ASM GmbH

  PRAS2EX Datasheet HTML 1Page - ASM GmbH PRAS2EX Datasheet HTML 2Page - ASM GmbH PRAS2EX Datasheet HTML 3Page - ASM GmbH PRAS2EX Datasheet HTML 4Page - ASM GmbH PRAS2EX Datasheet HTML 5Page - ASM GmbH PRAS2EX Datasheet HTML 6Page - ASM GmbH PRAS2EX Datasheet HTML 7Page - ASM GmbH PRAS2EX Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
G
G
H
H
66 -0,1
0
+
2.598 -0.004
0
+
[
]
Ø
10 [.394]
14 [.551]
Nut / notch
Sensor /
sensor
Sensor /
sensor
Markierung /
marking
48 0,05 1.890 0.002
[
]
Ø
H
H
J
J
13 [.512]
10 [.394]
5 [.197]
Sensor /
sensor
Markierung /
marking
Sensor /
sensor
Nut / notch
PRMAG2Z-EX
PRMAG5-EX
ASM
CAT-PR/PT-E-11
55
www.asm-sensor.com
POSIROT®
Accessories
PositionmagnetsforanglesensorswithDust-Ex-proof
Marking
Sensor
Sensor
Notch
Marking
Sensor
Sensor
Notch
EX-Explanation(II3DExtDA22IP65T80°CX)
II 
= for all Explosive Areas, excluding Surface and Underground Mining Systems
3D 
= Equipment Category 3, applicable in Zone 22; D = dust
Ex 
= meets the requirements of the European Ex-Directive
tD 
= type of ignition protection: protection by enclosure “tD”
A22
= measurement of the surface temperature acc. to procedure A for applications in Zone 22
IP65
= IP Protection Class
T80°C
= maximum surface temperature
X
= tested with low impact energy
Weight ca. 22 g approx.
moment of inertia 4.5 kgmm2
Weight ca. 275 g approx.
moment of inertia 150 kgmm2
A misalignment of the position magnet
has an effect on the linearity
A misalignment of the position magnet
has an effect on the linearity



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com