Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4 Datasheet(PDF) 2 Page - Cree, Inc

Part # LR4
Description  Architectural LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LR4 Datasheet(HTML) 2 Page - Cree, Inc

  LR4 Datasheet HTML 1Page - Cree, Inc LR4 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2012 Cree, Inc. and/or one of its subsidiaries All rights reserved. For informational purposes only. See www.cree.com/
patents for patents that cover these products. Cree®, the Cree logo, TrueWhite®, Cree TrueWhite®, and the Cree TrueWhite
Technology logo are registered trademarks, and LR4™ is a trademark of Cree, Inc. and/or one of its subsidiaries.
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
Photometry
LR4E-15 LT4-15A BASED ON ITL TEST #: 59866
Intensity (Candlepower) Summary
Angle
Mean CP
0°
378
5°
373
15°
340
25°
278
35°
200
45°
114
55°
52
65°
19
75°
1
85°
0
90°
0
Zonal Lumen Summary
Zone
Lumens
% Lamp
% Fix
0-30
259
47.9%
47.9%
0-40
383
70.9%
70.9%
0-60
518
96%
96%
0-90
540
100%
100%
LR4E-30 LT4-30A BASED ON ITL TEST #: 59865
Intensity (Candlepower) Summary
Angle
Mean CP
0°
362
5°
357
15°
325
25°
266
35°
191
45°
109
55°
50
65°
18
75°
1
85°
0
90°
0
Reference www.cree.com/lighting for detailed
photometric data
Reference www.cree.com/lighting for detailed
photometric data.
Zonal Lumen Summary
Zone
Lumens
% Lamp
% Fix
0-30
275
53.5%
53.5%
0-40
314
76.9%
76.9%
0-60
509
98.8%
98.8%
0-90
515
100%
100%
0
15
30
0
150
300
450
90
75
60
45
0°
0
15
30
0
140
280
420
90
75
60
45
0°
Application Reference
Open Space
Spacing
Shield
Lumens
Wattage
LPW
w/ft2
Average FC
4 x 4
15° (LR4E-15)
540
10.5
51
0.60
33
30° (LR4E-30)
515
11.1
46
0.66
32
6 x 6
15° (LR4E-15)
540
10.5
51
0.28
15
30° (LR4E-30)
515
11.1
46
0.31
15
8 x 8
15° (LR4E-15)
540
10.5
51
0.15
8
30° (LR4E-30)
515
11.1
46
0.17
8
10 x 10
15° (LR4E-15)
540
10.5
51
0.10
5
30° (LR4E-30)
515
11.1
46
0.11
5
10' Ceiling, 80/50/20 Reflectances, 2.5 workplane.
LLF: 1.0 Initial. Open Space: 50' x 40' x 10'
LR4™
Product Specifications
CREE TRUEWHITE® TECHNOLOGY
A revolutionary way to generate high-quality white light, Cree TrueWhite® Technology is a patented
approach that delivers an exclusive combination of 90+ CRI, beautiful light characteristics, and lifelong
color consistency, all while maintaining high luminous efficacy - a true no compromise solution.
CONSTRUCTION & MATERIALS
• Durable cold-rolled steel housing protects LEDs, driver and power supply. Adjustable flip clips
resist heat while providing retention for flush ceiling fit
• Thermal management system uses extruded aluminum heat sink to conduct heat away from
LEDs and transfer it to the plenum space for optimal performance. LED junction temperatures
stay below specified maximum even when installed in attic insulation with ambient
temperatures exceeding 60˚C
• Suitable for insulated and non-insulated ceilings
• Snap-in trim (sold separately) integrates reflector and flange to redirect light while creating a
comfortable visual transition from the lens to the ceiling plane
OPTICAL SYSTEM
• Unique combination of reflective and refractive optical components achieves a uniform,
comfortable appearance while eliminating pixelation and color fringing. This ensures smooth
light patterns are projected with no hot spots and minimal striations
• Components work together to optimize distribution, balancing the delivery of high illuminance
levels on horizontal surfaces with an ideal amount of light on walls and vertical surfaces. This
increases the perception of spaciousness
• Diffusing lens shields direct view of LEDs while lower reflector balances brightness of lens with
the ceiling to create a low-glare high angle appearance. When installed with 30˚ trim, deep set
diffusing lens provides more precise optical control with greater visual cut-off
ELECTRICAL SYSTEM
• Integral, high-efficiency driver and power supply
• Power Factor:
> 0.9
• Input Voltage:
120V, 60Hz
• Dimming
: Dimmable to 20% with most incandescent dimmers*
REGULATORY & VOLUNTARY QUALIFICATIONS
• ENERGY STAR® qualified
• cULus Listed
• Exceeds California Title-24 high efficacy luminaire requirements
• IC air-tight rated, tested in accordance with ASTM E283
• Suitable for wet locations
* Reference www.cree.com/lighting for recommended dimmers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com