Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4 Datasheet(PDF) 1 Page - Cree, Inc

Part # LR4
Description  Architectural LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LR4 Datasheet(HTML) 1 Page - Cree, Inc

  LR4 Datasheet HTML 1Page - Cree, Inc LR4 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
LR4
LR4E-30
LR4E-15
H4
Housing
LR4
Light Engine
LT4
Trim
The LR4 downlight ships as three components: a housing, light engine, and trim.
Each component must be ordered separately.
Product Description
The LR4™ architectural LED downlight delivers up to 540 lumens of exceptional 90+
CRI light while achieving over 51 lumens per watt. This breakthrough performance is
achieved by combining the high efficacy and high-quality light of Cree TrueWhite®
Technology. The LR4 is available in moderate or deep recess, warm or neutral color
temperatures, and has a variety of trim options. It must be used with the Cree H4
housing, making the LR4 perfect for use in commercial new construction applications.
Performance Summary
Utilizes Cree TrueWhite® Technology
Active Color Management
Delivered Light Output: LR4E-15: 540 lumens, LR4E-30: 515 lumens
Input Power: LR4E-15: 10.5 watts, LR4E-30: 11.1 watts
CRI: 90
CCT: 2700K, 3500K
Limited Warranty†: 10 years
Lifetime: Designed to last 50,000 hours
Dimming: Dimmable to 20%*
Shield Angles: 15˚ or 30˚
Ordering Information
Example: LR4E-15 + H4 + LT4-15A OR LR4E-30 + H4 + LT4-30A
Fully assembled luminaire is composed of three components that must be ordered separately:
LR4: Light engine H4: Recessed architectural housing LT4: Snap-in architectural trim
Light Engines
LR4E-15
2700K, 15o Shield (Moderate Recess)
LR4E-15C
3500K, 15o Shield (Moderate Recess)
LR4E-30
2700K, 30o Shield (Deep Recess)
LR4E-30C
3500K, 30o Shield (Deep Recess)
Housing
H4
Recessed housing with GU24 socket
Trims
LT4-15A/LT4-30A
Diffuse anodized finish trim
LT4-15AW/LT4-30AW
Wheat diffuse anodized finish trim
LT4-15AP/LT4-30AP
Pewter diffuse anodized finish trim
LT4-15AB/LT4-30AB
Black anodized finish trim
LT4-15WH/LT4-30WH
Smooth white trim
LT4-15BB/LT4-30BB
Flat black finish trim and reflector
NOTE:
Light engine and trim reflector depth must match for appropriate fit
* Reference www.cree.com/lighting for recommended dimmers
† See www.cree.com/lighting/products/warranty for warranty terms
4.375”
6.56”
5.5”
4.5”
6.25”
7”
LR4™
4" Architectural LED Downlight
Rev. Date: 04/04/2014


Similar Part No. - LR4

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
LR4 CAMPBELL-LR4 Datasheet
64Kb / 2P
LR4 4-Channel Latching Relay Module
February 2011
logo
PATLITE CORPORATION.
LR4-02MCNW PATLITE-LR4-02MCNW Datasheet
1Mb / 8P
Signal Tower
Rev. E
LR4-02MCNW-RYG PATLITE-LR4-02MCNW-RYG Datasheet
1Mb / 8P
Signal Tower
Rev. E
LR4-02WCNW PATLITE-LR4-02WCNW Datasheet
1Mb / 8P
Signal Tower
Rev. E
LR4-02WCNW-RYG PATLITE-LR4-02WCNW-RYG Datasheet
1Mb / 8P
Signal Tower
Rev. E
More results

Similar Description - LR4

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
Dimmable LED Downlight
logo
Dialight Corporation
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
DuroSite짰 Series LED Downlight
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
SafeSite짰 Series LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
6 Adjustable LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
Deep Recess LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com