Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F410 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F410
Description  Register Stack횖16 x 4 RAM TRI-STATEE Output Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F410 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F410 Datasheet HTML 1Page - National Semiconductor (TI) 74F410 Datasheet HTML 2Page - National Semiconductor (TI) 74F410 Datasheet HTML 3Page - National Semiconductor (TI) 74F410 Datasheet HTML 4Page - National Semiconductor (TI) 74F410 Datasheet HTML 5Page - National Semiconductor (TI) 74F410 Datasheet HTML 6Page - National Semiconductor (TI) 74F410 Datasheet HTML 7Page - National Semiconductor (TI) 74F410 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
54F74F
Units
VCC
Conditions
Min
Typ
Max
ICCH
Power Supply Current
47
70
mA
Max
VO e HIGH
ICCL
Power Supply Current
47
70
mA
Max
VO e LOW
ICCZ
Power Supply Current
47
70
mA
Max
VO e HIGH Z
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
30
85
25
110
25
95
ns
tPHL
CP to Q
35
90
30
120
30
100
tPZH
Enable Time
30
80
25
105
25
90
tPZL
OE to Q
35
90
30
130
30
100
tPHZ
Disable Time
25
65
20
85
20
75
ns
tPLZ
OE to Q
25
70
20
95
20
80
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
READ MODE
ts(H)
Setup Time HIGH or LOW
150
23
170
ts(L)
An to CP
150
23
170
th(H)
Hold Time HIGH or LOW
0
0
0
ns
th(L)
An to CP
0
0
0
WRITE MODE
ts(H)
Setup Time HIGH or LOW
0
0
0
ts(L)
An to WE
000
th(H)
Hold Time HIGH or LOW
0
0
0
ns
th(L)
An to WE
000
ts(H)
Setup Time HIGH or LOW
50
85
60
ts(L)
Dn to WE
50
85
60
th(H)
Hold Time HIGH or LOW
0
25
0
ns
th(L)
Dn to WE
0
25
0
tw
WE Pulse Width
75
95
85
ns
Required to Write
tw
CS Pulse Width
75
95
85
ns
Required to Write
tw
CP Pulse Width
75
95
85
ns
Required to Write
Note
Military temperature range for this device is b40 Cto a85 C
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com