Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F410 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F410
Description  Register Stack횖16 x 4 RAM TRI-STATEE Output Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F410 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F410 Datasheet HTML 1Page - National Semiconductor (TI) 74F410 Datasheet HTML 2Page - National Semiconductor (TI) 74F410 Datasheet HTML 3Page - National Semiconductor (TI) 74F410 Datasheet HTML 4Page - National Semiconductor (TI) 74F410 Datasheet HTML 5Page - National Semiconductor (TI) 74F410 Datasheet HTML 6Page - National Semiconductor (TI) 74F410 Datasheet HTML 7Page - National Semiconductor (TI) 74F410 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
A0–A3
Address Inputs
1010
20 mA b06 mA
D0–D3
Data Inputs
1010
20 mA b06 mA
CS
Chip Select Input (Active LOW)
1020
20 mA b12 mA
OE
Output Enable Input (Active LOW)
1010
20 mA b06 mA
WE
Write Enable Input (Active LOW)
1010
20 mA b06 mA
CP
Clock Input (Outputs Change on
LOW-to-HIGH Transition)
1020
20 mA b12 mA
Q0–Q3
TRI-STATE Outputs
15040 (333)
b
3 mA24 mA (20 mA)
Functional Description
Write Operation
When the three control inputs Write En-
able (WE) Chip Select (CS) and Clock (CP) are LOW the
information on the data inputs (D0–D3) is written into the
memory location selected by the address inputs (A0–A3) If
the input data changes while WE CS and CP are LOW the
contents of the selected memory location follow these
changes provided setup and hold time criteria are met
Read Operation
Whenever CS is LOW and CP goes from
LOW-to-HIGH the contents of the memory location select-
ed by the address inputs (A0–A3) are edge-triggered into
the Output Register
The (OE) input controls the output buffers When OE is
HIGH the four outputs (Q0–Q3) are in a high impedance or
OFF state when OE is LOW the outputs are determined by
the state of the Output Register
Block Diagram
TLF9538 – 4
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com