Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F545DM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F545DM
Description  Octal Bidirectional Transceiver with TRI-STATEE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F545DM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F545DM Datasheet HTML 1Page - National Semiconductor (TI) 54F545DM Datasheet HTML 2Page - National Semiconductor (TI) 54F545DM Datasheet HTML 3Page - National Semiconductor (TI) 54F545DM Datasheet HTML 4Page - National Semiconductor (TI) 54F545DM Datasheet HTML 5Page - National Semiconductor (TI) 54F545DM Datasheet HTML 6Page - National Semiconductor (TI) 54F545DM Datasheet HTML 7Page - National Semiconductor (TI) 54F545DM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9556
May 1995
54F74F545 Octal Bidirectional
Transceiver with TRI-STATE
Outputs
General Description
The ’F545 is an 8-bit TRI-STATE high-speed transceiver It
provides bidirectional drive for bus-oriented microprocessor
and digital communications systems Straight through bidi-
rectional transceivers are featured with 24 mA (20 mA Mil)
bus drive capability on the A ports and 64 mA (48 mA Mil)
bus drive capability on the B ports
One input TransmitReceive (TR) determines the direction
of logic signals through the bidirectional transceiver Trans-
mit enables data from A ports to B ports Receive enables
data from B ports to A ports The Output Enable input dis-
ables both A and B ports by placing them in a TRI-STATE
condition
Features
Y
Higher drive than 8304
Y
8-bit bidirectional data flow reduces system package
count
Y
TRI-STATE inputsoutputs for interfacing with bus-ori-
ented systems
Y
24 mA (20 mA Mil) and 64 mA (48 mA Mil) bus drive
capability on A and B ports respectively
Y
TransmitReceive and Output Enable simplify control
logic
Y
Guaranteed 4000V minimum ESD protection
Y
Pin for Pin compatible with Intel 8286
Commercial
Military
Package
Package Description
Number
74F545PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F545DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F545SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F545SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F545FM (Note 2)
W20A
20-Lead Cerpack
54F545LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9556 – 3
IEEEIEC
TLF9556 – 5
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54F545DM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F540 NSC-54F540 Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F540FM NSC-54F540FM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F540LM NSC-54F540LM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F541 NSC-54F541 Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54F545DM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT245 NSC-54ABT245 Datasheet
261Kb / 10P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54AC245 NSC-54AC245 Datasheet
153Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54F245DM NSC-54F245DM Datasheet
173Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54FCT245 NSC-54FCT245 Datasheet
137Kb / 8P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74FR245 NSC-74FR245 Datasheet
152Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
54F646 NSC-54F646 Datasheet
216Kb / 12P
Octal Transceiver/Register with TRI-STATE Outputs
logo
Texas Instruments
54AC245-N TI1-54AC245-N Datasheet
197Kb / 10P
54AC245 54ACT245 Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com