Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F545DM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F545DM
Description  Octal Bidirectional Transceiver with TRI-STATEE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F545DM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F545DM Datasheet HTML 1Page - National Semiconductor (TI) 54F545DM Datasheet HTML 2Page - National Semiconductor (TI) 54F545DM Datasheet HTML 3Page - National Semiconductor (TI) 54F545DM Datasheet HTML 4Page - National Semiconductor (TI) 54F545DM Datasheet HTML 5Page - National Semiconductor (TI) 54F545DM Datasheet HTML 6Page - National Semiconductor (TI) 54F545DM Datasheet HTML 7Page - National Semiconductor (TI) 54F545DM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9556 – 1
Pin Assignment
for LCC
TLF9556 – 2
Truth Table
Inputs
Outputs
OE
TR
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
OE
Output Enable Input (Active LOW)
1020
20 mA b12 mA
TR
TransmitReceive Input
1020
20 mA b12 mA
A0–A7
Side A TRI-STATE Inputs or
351083
70 mA b650 mA
TRI-STATE Outputs
15040 (333)
b
3 mA24 mA (20 mA)
B0–B7
Side B TRI-STATE Inputs or
351083
70 mA b650 mA
TRI-STATE Outputs
6001066 (80) b12 mA64 mA (48 mA)
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com