Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA015N-350B-R Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA015N-350B-R
Description  15W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA015N-350B-R Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA015N-350B-R Datasheet HTML 1Page - Phihong USA Inc. PDA015N-350B-R Datasheet HTML 2Page - Phihong USA Inc. PDA015N-350B-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 12/1/2014
WWW.PHIHONG.COM
15W Triac Dimmable Constant Current LED Driver
PDA015N North American Residential LED Driver
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Features
 Class 2 per UL1310
 IP67 Rating
 OVP, OCP, Over-Load and Short-Circuit
Protection
 THD <20%
 UL 8750 Compliant
 >0.9 Power Factor Correction
 Works with Most leading edge and trailing
edge dimmers
 3 Year Warranty
Applications
 Down lights
 Area Lights
 Residential lighting
Safety Approvals
 cUL/UL
Mechanical Characteristics
 Length: 80mm (3.14in)
 Height: 25.4mm (1in)
 Width: 78mm (3.07in)
 Weight: 165g (5.82oz)
Output Specifications
Model
DC Output Voltage
Output
Current
Output
Power
Min.
Typ.
Max.
PDA015N-350B-R
25.4V
-
42V
350mA
15W
PDA015N-700B-R
15.05V
-
21.5V
700mA
15W
PDA015N-1A0B-R
10.5V
-
15V
1000mA
15W


Similar Part No. - PDA015N-350B-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA015A-350C PHIHONG-PDA015A-350C Datasheet
134Kb / 2P
15W Constant Current LED Driver Power Supply for Indoor Lighting
PDA015B-350C PHIHONG-PDA015B-350C Datasheet
127Kb / 2P
15W Constant Current LED Driver Power Supply for Indoor Lighting
More results

Similar Description - PDA015N-350B-R

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA010N-350B-R PHIHONG-PDA010N-350B-R Datasheet
272Kb / 3P
10W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
PDA025H-350A-H PHIHONG-PDA025H-350A-H Datasheet
329Kb / 4P
25W Triac Dimmable Constant Current LED Driver Residential LED Driver
logo
Maxic Technology Corpor...
MT7890 MAXIC-MT7890 Datasheet
140Kb / 1P
TRIAC Dimmable Constant Current LED Driver
MT7893 MAXIC-MT7893 Datasheet
141Kb / 1P
TRIAC Dimmable Constant Current LED Driver
MT7896 MAXIC-MT7896 Datasheet
146Kb / 1P
TRIAC Dimmable Constant Current LED Driver
MT7897 MAXIC-MT7897 Datasheet
146Kb / 1P
TRIAC Dimmable Constant Current LED Driver
MT7898 MAXIC-MT7898 Datasheet
321Kb / 1P
TRIAC Dimmable Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9922L SISEMIC-SIC9922L Datasheet
510Kb / 8P
North American thyristor dimming LED constant current driver chip
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT7755 MAXIC-MT7755 Datasheet
426Kb / 1P
TRIAC Dimmable Constant Current LED Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com