Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA015N-350B-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA015N-350B-R
Description  15W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA015N-350B-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA015N-350B-R Datasheet HTML 1Page - Phihong USA Inc. PDA015N-350B-R Datasheet HTML 2Page - Phihong USA Inc. PDA015N-350B-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDA015N Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Rating
108VAC to 132VAC
AC Input Frequency
47~63Hz
Maximum Input Current
≤ 0.3A
Leakage Current
0.25mA maximum
Power Factor
≥ 0.9
THD
Less than 20%
OUTPUT:
Output Current Ripple
≦30%
Efficiency
80% at 120VAC
Environmental:
Temperature
Operation case
-00 to +85°C
Non-operation
-40 to +85°C
Operating Humidity
20 to 95%
EMC
FCC Part 15 Class B
Immunity
IEC61000-4-2
IEC61000-4-4
IEC61000-4-5
IEC61000-4-11
Dielectric Withstand (Hi-pot) Test
Primary to secondary: 1500VAC for 1 minute, 10mA
Insulation Resistance
Primary to secondary: >10M Ohm 500VDC, 1 Minute
FEATURES:
Short-Circuit Protection
The PSU will withstand a short circuit across the
outputs without damage
Output Over-voltage Protection
Auto restart
Input / Output Connections
Position
Terminal
Color
Specification
Input
Black
AWG18 Stranded Wire
White
AWG18 Stranded Wire
Output
Red
AWG18 Stranded Wire
Black
AWG18 Stranded Wire
Warranty
3 Years



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com