Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA030A-2A1B-R Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PDA030A-2A1B-R
Description  30W LED Driver with 2100mA Constant Current LED Power Supply for Residential Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA030A-2A1B-R Datasheet(HTML) 2 Page - Phihong USA Inc.

  PDA030A-2A1B-R Datasheet HTML 1Page - Phihong USA Inc. PDA030A-2A1B-R Datasheet HTML 2Page - Phihong USA Inc. PDA030A-2A1B-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PDA030A Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage
108 to 132VAC
Nominal AC Input Voltage
120VAC
Leakage Current
0.5mA maximum at 110VAC
Maximum Input Current
400mA (RMS) at 108VAC
Inrush Current
<30A at 132VAC, 60Hz
OUTPUT:
Output Power
30W
Efficiency
80% minimum at full load, nominal AC input
Power Factor
≥0.9 at full load, nominal AC input
Output Current Ripple
<1664mA (p-p) at nominal AC input
Turn-on/off Delay Time
0.5ms maximum at nominal AC power on
ENVIRONMENTAL:
Operating Temperature
-40 to +40°C
Storage Temperature
-40 to +80°C
Operating Humidity
10 to 95%
Storage Humidity
05 to 95%
Warranty
3 Years
Ingression Protection
IP66
EMC
FCC Part 15 Class B
Immunity
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-5
IEC61000-4-8
IEC61000-4-11
Isolation Test (HI-POT)
Primary to secondary: 2000VAC for 1 minute,
10mA
Insulation Resistance
Primary to secondary: >5M OHM 500VDC, 1
minute
FEATURES:
Input Over Current Protection
The input power line will be fused with a 1A fuse
Short Circuit Protection
The Driver will withstand a short circuit across the
outputs without damage
Output Over Voltage Protection
During no load condition, the over voltage
protection trigger level is <20V.
Lifetime
10K Hours minimum
Input / Output Wires (Solid or Stranded)
Position Terminal Color
Specification
Line
Black
AWG18
Neutral
White
AWG18
Vout+
Red
AWG18
Vout-
Black
AWG18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com