Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDA030A-2A1B-R Datasheet(PDF) 3 Page - Phihong USA Inc.

Part # PDA030A-2A1B-R
Description  30W LED Driver with 2100mA Constant Current LED Power Supply for Residential Lighting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA030A-2A1B-R Datasheet(HTML) 3 Page - Phihong USA Inc.

  PDA030A-2A1B-R Datasheet HTML 1Page - Phihong USA Inc. PDA030A-2A1B-R Datasheet HTML 2Page - Phihong USA Inc. PDA030A-2A1B-R Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimension Diagram Unit:mm
WWW.PHIHONG.COM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com