Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3AMMAM1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3AMMAM1
Description  Composite Transistor For Low Frequency Amplify Application Silicon Pnp Epitaxial Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3AMMAM1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3AMMAM1 Datasheet HTML 1Page - Isahaya Electronics Corporation RT3AMMAM1 Datasheet HTML 2Page - Isahaya Electronics Corporation RT3AMMAM1 Datasheet HTML 3Page - Isahaya Electronics Corporation RT3AMMAM1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY
RT3AMMAM1
Composite Transistor
For Low Frequency Amplify Application
Silicon Pnp Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
RT3AMMAM1 is compound transistor built with two
ISA1235A chips in SC-88 package.
FEATURE
Silicon PNP epitaxial type
Each transistor elements are independent.
Mini package for easy mounting.
APPLICATION
For low frequency amplify application.
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃) (Tr1 , Tr2.)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
-60
V
VEBO
Emitter to Base voltage
-6
V
VCEO
Collector to Emitter voltage
-50
V
IC
Collector current
-200
mA
PC
Collector dissipation(Total,Ta=25℃)
150
mW
Tj
Junction temperature
+
150
℃
Tstg
Storage temperature
-55~+150
℃
MARKING
F
AA
1
2
3
6
5
4
.
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
Tr1
Tr2
1.25
2.1
①
②
③
⑤
④
⑥


Similar Part No. - RT3AMMAM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT3AMMM ETC1-RT3AMMM Datasheet
46Kb / 4P
RT3AMMM
logo
Isahaya Electronics Cor...
RT3AMMM ISAHAYA-RT3AMMM Datasheet
138Kb / 4P
Composite Transistor
More results

Similar Description - RT3AMMAM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1530A ETC-2SA1530A Datasheet
92Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
2SA1603 ISAHAYA-2SA1603 Datasheet
212Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
RT2C00M ISAHAYA-RT2C00M Datasheet
58Kb / 4P
COMPOSITE TRANSISTOR FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
RT2A00M ISAHAYA-RT2A00M Datasheet
59Kb / 4P
COMPOSITE TRANSISTOR FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
INA5002AC1 ISAHAYA-INA5002AC1 Datasheet
397Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6005AP1 ISAHAYA-INA6005AP1 Datasheet
118Kb / 2P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AP1 ISAHAYA-INA6006AP1 Datasheet
169Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
ISA1530AC1 ISAHAYA-ISA1530AC1_13 Datasheet
172Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
ISA1989AU1 ISAHAYA-ISA1989AU1_10 Datasheet
85Kb / 3P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
INA6006AS1 ISAHAYA-INA6006AS1 Datasheet
166Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com