Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3AMMAM1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT3AMMAM1
Description  Composite Transistor For Low Frequency Amplify Application Silicon Pnp Epitaxial Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3AMMAM1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT3AMMAM1 Datasheet HTML 1Page - Isahaya Electronics Corporation RT3AMMAM1 Datasheet HTML 2Page - Isahaya Electronics Corporation RT3AMMAM1 Datasheet HTML 3Page - Isahaya Electronics Corporation RT3AMMAM1 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
RT3AMMAM1
Composite Transistor
For Low Frequency Amplify Application
Silicon Pnp Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
ELECTRICAL CHARACTERISTICS (Ta=25℃) (Tr1, Tr2.)
Symbol
Parameter
Test conditions
Limits
Unit
Min
Typ
Max
V(BR)CEO
Collector to Emitter break down voltage
IC=100μA,RBE=∞
-50
-
-
V
ICBO
Collector cut off current
VCB =-60V,IE=0
-
-
-0.1
μ
A
IEBO
Emitter cut off current
VEB=-6V,IC=0
-
-
-0.1
μ
A
hFE*
DC forward current gain
VCE=-6V,IC=-1mA
150
-
500
-
hFE
DC forward current gain
VCE=-6V,IC=-0.1mA
90
-
-
-
VCE(sat)
Collector to Emitter saturation voltage
IC=-100mA,IB=-10mA
-
-
-0.3
V
fT
Gain band width product
VCE=-6V,IE=10mA
-
200
-
MHZ
Cob
Collector output capacitance
VCB=-6V,IE=0,f=1MHZ
-
4.0
-
pF
NF
Noise figure
VCE=6V,IE=0.3mA,f=100HZ,RG=10kΩ
-
-
20
dB
* : It shows hFE classification in right table.
item
E
F
hFE
150~300
250~500



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com