Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F398 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F398
Description  Quad 2-Port Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F398 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74F398 Datasheet HTML 1Page - National Semiconductor (TI) 74F398 Datasheet HTML 2Page - National Semiconductor (TI) 74F398 Datasheet HTML 3Page - National Semiconductor (TI) 74F398 Datasheet HTML 4Page - National Semiconductor (TI) 74F398 Datasheet HTML 5Page - National Semiconductor (TI) 74F398 Datasheet HTML 6Page - National Semiconductor (TI) 74F398 Datasheet HTML 7Page - National Semiconductor (TI) 74F398 Datasheet HTML 8Page - National Semiconductor (TI) 74F398 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Input Clock Frequency
100
140
80
100
MHz
tPLH
Propagation Delay
30
57
75
30
95
30
85
ns
tPHL
CP toQorQ
30
68
90
30
115
30
100
’F398 33 ns
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
30
45
30
ts(L)
In to CP
30
45
30
ns
th(H)
Hold Time HIGH or LOW
10
15
10
th(L)
In to CP
10
15
10
ts(H)
Setup Time HIGH or LOW
75
105
85
ts(L)
S to CP (’F398)
75
105
85
ts(H)
Setup Time HIGH or LOW
75
95
85
ns
ts(L)
S to CP (’F399)
75
95
85
th(H)
Hold Time HIGH or LOW
0
0
0
th(L)
StoCP
0
0
0
tw(H)
CP Pulse Width
40
40
40
ns
tw(L)
HIGH or LOW
50
70
50
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com