Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F398 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F398
Description  Quad 2-Port Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F398 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F398 Datasheet HTML 1Page - National Semiconductor (TI) 74F398 Datasheet HTML 2Page - National Semiconductor (TI) 74F398 Datasheet HTML 3Page - National Semiconductor (TI) 74F398 Datasheet HTML 4Page - National Semiconductor (TI) 74F398 Datasheet HTML 5Page - National Semiconductor (TI) 74F398 Datasheet HTML 6Page - National Semiconductor (TI) 74F398 Datasheet HTML 7Page - National Semiconductor (TI) 74F398 Datasheet HTML 8Page - National Semiconductor (TI) 74F398 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9533
May 1995
54F74F398
 54F74F399
Quad 2-Port Register
General Description
The ’F398 and ’F399 are the logical equivalents of a quad
2-input multiplexer feeding into four edge-triggered flip-
flops A common Select input determines which of the two
4-bit words is accepted The selected data enters the flip-
flops on the rising edge of the clock The ’F399 is the 16-pin
version of the ’F398 with only the Q outputs of the flip-flops
available
Features
Y
Select inputs from two data sources
Y
Fully positive edge-triggered operation
Y
Both true and complement outputs’F398
Y
Guaranteed 4000V minimum ESD protection’F399
Commercial
Military
Package
Package Description
Number
74F398PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F398DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F398SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
54F398FM (Note 2)
W20A
20-Lead Cerpack
54F398LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
74F399PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F399DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F399SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F399SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F399FM (Note 2)
W20A
20-Lead Cerpack
54F399LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Connection Diagrams
’F398
Pin Assignment
for LCC
TLF9533 – 5
Pin Assignment
for DIP SOIC and Flatpak
TLF9533 – 6
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F398

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F398 PHILIPS-74F398 Datasheet
88Kb / 10P
Registers
1999 Jan 08
logo
Fairchild Semiconductor
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
Quad 2-Port Register
logo
Texas Instruments
74F398 TI1-74F398 Datasheet
429Kb / 12P
54F398 54F399 74F398 74F399 Quad 2-Port Register
logo
Fairchild Semiconductor
74F398PC FAIRCHILD-74F398PC Datasheet
105Kb / 9P
Quad 2-Port Register
74F398SC FAIRCHILD-74F398SC Datasheet
105Kb / 9P
Quad 2-Port Register
More results

Similar Description - 74F398

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
Quad 2-Port Register
logo
Fairchild Semiconductor
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
Quad 2-Port Register
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
Quad 2-Port Register
DM74LS298 FAIRCHILD-DM74LS298 Datasheet
43Kb / 4P
Quad 2-Port Register Multiplexer with Storage
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
Quad 2-Port Register
74AC399 FAIRCHILD-74AC399_00 Datasheet
102Kb / 9P
Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
QUAD 2-PORT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com