Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3PDDM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3PDDM
Description  Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3PDDM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3PDDM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3PDDM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3PDDM Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RT3PDDM
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
RT3PDDM is composite transistor built with two
RT1P237 chips in SC-88 package.
FEATURE
Silicon epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
Inverted circuit, Switching circuit,
Interface circuit, Driver circuit
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING(Ta=25℃)(RTr1, RTr2 COMMON)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
-50
V
VEBO
Emitter to Base voltage
-6
V
VCEO
Collector to Emitter voltage
-50
V
VIN
Input voltage
-12
V
IC
Collector current
-100
mA
ICM
Peak Collector current
-200
mA
PT
Collector dissipation(Total)
150
mW
Tj
Junction temperature
+
150
℃
Tstg
Storage temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)(RTr1, RTr2 COMMON)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
V(BR)CEO
Collector to Emitter break down voltage
I C=-100µA,RBE=∞
-50
-
-
V
ICBO
Collector cut off current
VCB=-50V,I E =0
-
-
-0.1
µA
IEBO
Emitter cut off current
VEB=-5V,I C =0
-76
-102
-147
µA
hFE
DC forward current gain
VCE=-5V,I C =-10mA
80
-
-
-
VCE(sat)
Collector to Emitter saturation voltage
I C =-10mA,I B =-0.5mA
-
-
-0.3
V
VI(ON)
Input on voltage
VCE=-0.2V,I C =-5mA
-
-0.7
-1.1
V
VI(OFF)
Input off voltage
VCE=-5V,I C =-100µA
-0.5
-0.6
-
V
R1
Input resistor
-
1.5
2.2
2.9
kΩ
R2/R1
Resistor ratio
-
17
22
26
-
fT
Gain band width product
VCE=-6V,I E =10mA
-
150
-
MHz
MARKING
D
P D
1
2
3
6
5
4
.
電極接続
①:EMITTER1
②:BASE1
③:COLLECTOR2
④:EMITTER2
⑤:BASE2
⑥:COLLECTOR1
JEITA:SC-88
JEDEC:-
①②
⑥
③
④
⑤
RTr1
RTr2
R2
R2
R1
R1
1.25
2.1
①
②
③
⑤
④
⑥


Similar Part No. - RT3PDDM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3P11M ISAHAYA-RT3P11M Datasheet
61Kb / 3P
Composite Transistor With Resistor
RT3P33M ISAHAYA-RT3P33M Datasheet
57Kb / 3P
Composite Transistor With Resistor
RT3P55M ISAHAYA-RT3P55M Datasheet
178Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P66M ISAHAYA-RT3P66M Datasheet
56Kb / 3P
Composite Transistor With Resistor
RT3P66U ISAHAYA-RT3P66U Datasheet
178Kb / 3P
Composite Transistor With Resistor
More results

Similar Description - RT3PDDM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3T22M ISAHAYA-RT3T22M Datasheet
69Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P55M ISAHAYA-RT3P55M Datasheet
178Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P77M ISAHAYA-RT3P77M Datasheet
176Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3PRRM ISAHAYA-RT3PRRM Datasheet
163Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3T77M ISAHAYA-RT3T77M Datasheet
172Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TBBM ISAHAYA-RT3TBBM Datasheet
182Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TCCM ISAHAYA-RT3TCCM Datasheet
211Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TDDM ISAHAYA-RT3TDDM Datasheet
183Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TGGM ISAHAYA-RT3TGGM Datasheet
165Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TTTM ISAHAYA-RT3TTTM Datasheet
171Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com