Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3PDDM Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT3PDDM
Description  Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3PDDM Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT3PDDM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3PDDM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3PDDM Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RT3PDDM
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
TYPICAL CHARACTERISTICS
(Ta=25℃)(RTr1,RTr2 COMMON)
DC forward current gain-Collector current
1
10
100
1000
-0.1
-1
-10
-100
Collector current IC(mA)
VCE=-5V
COLLECTOR TO EMITTER SATURATION
VOLTAGE VS COLLECTOR CURRENT
-0.01
-0.1
-1
-1
-10
-100
COLLECTOR CURRENT IC(mA)
IC/IB=20
COLLECTOR CURRENT
VS INPUT OFF VOLTAGE
-10
-100
-1000
-0.0
-0.5
-1.0
-1.5
-2.0
INPUT OFF VOLTAGE VI(off) (V)
VCE=-5V
-0.1
-1
-10
-1
-10
-100
COLLECTOR CURRENT IC(mA)
INPUT ON VOLTAGE
VS COLLECTOR CURRENT
VCE=-0.2V
0
50
100
150
200
0
255075
100
125
150
AMBIENT TEMPERATURE Ta (℃)
TOTAL DISSIPATION
VS AMBIENT TEMPERATURE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com