Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3PRRM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3PRRM
Description  Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3PRRM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3PRRM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3PRRM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3PRRM Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY
RT3PRRM
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
RT3PRRM is compound transistor built with two
RT1P440 chips in SC-88 package.
FEATURE
Silicon epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
Inverted circuit, switching circuit,
interface circuit, driver circuit
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃) (RTr1, RTr2)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
-50
V
VEBO
Emitter to Base voltage
-6
V
VCEO
Collector to Emitter voltage
-50
V
IC
Collector current
-100
mA
ICM
Peak Collector current
-200
mA
PC
Collector dissipation(Total, Ta=25℃)
150
mW
Tj
Junction temperature
+
150
℃
Tstg
Storage temperature
-55~+150
℃
MARKING
R
PR
.
① ② ③
⑥ ⑤ ④
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
R1
RTr1
①
②
④
⑤
R2
RTr2
③
R1
⑥


Similar Part No. - RT3PRRM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3P11M ISAHAYA-RT3P11M Datasheet
61Kb / 3P
Composite Transistor With Resistor
RT3P33M ISAHAYA-RT3P33M Datasheet
57Kb / 3P
Composite Transistor With Resistor
RT3P55M ISAHAYA-RT3P55M Datasheet
178Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P66M ISAHAYA-RT3P66M Datasheet
56Kb / 3P
Composite Transistor With Resistor
RT3P66U ISAHAYA-RT3P66U Datasheet
178Kb / 3P
Composite Transistor With Resistor
More results

Similar Description - RT3PRRM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3T22M ISAHAYA-RT3T22M Datasheet
69Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P55M ISAHAYA-RT3P55M Datasheet
178Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3P77M ISAHAYA-RT3P77M Datasheet
176Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3PDDM ISAHAYA-RT3PDDM Datasheet
175Kb / 3P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3T77M ISAHAYA-RT3T77M Datasheet
172Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TBBM ISAHAYA-RT3TBBM Datasheet
182Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TCCM ISAHAYA-RT3TCCM Datasheet
211Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TDDM ISAHAYA-RT3TDDM Datasheet
183Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TGGM ISAHAYA-RT3TGGM Datasheet
165Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
RT3TTTM ISAHAYA-RT3TTTM Datasheet
171Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com