Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3PRRM Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT3PRRM
Description  Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3PRRM Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT3PRRM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3PRRM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3PRRM Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRELIMINARY
RT3PRRM
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
ELECTRICAL CHARACTERISTICS (Ta=25℃) (RTr1, RTr2)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)CEO
Collector to Emitter break down voltage
IC=-100μA,RBE=∞
-50
-
-
V
ICBO
Collector cut off current
VCB =-50V,IE=0
-
-
-0.1
μ
A
hFE
DC forward current gain
VCE=-5V,IC=-1mA
100
-
-
-
VCE(sat)
Collector to Emitter saturation voltage
IC=-10mA,IB=-0.5mA
-
-
-0.3
V
R1
Input resistor
-
33
47
61
kΩ
fT
Gain band width product
VCE=-6V,IE=10mA
-
150
-
MHZ
TYPICAL CHARACTERISTICS (RTr1,RTr2)
DC FORWARD CURRENT GAIN
VS COLLECTOR CURRENT
1
10
100
1000
-0.1
-1
-10
-100
COLLECTOR CURRENT IC(mA)
VCE=-5V
INPUT ON VOLTAGE
VS COLLECTR CURRENT
-0.1
-1
-10
-1
-10
-100
COLLECTOR CURRENT IC(mA)
VCE=-0.2V
COLLECTOR CURRENT
VS INPUT OFF VOLTAGE
-10
-100
-1000
-0.0
-0.5
-1.0
-1.5
-2.0
INPUT OFF VOLTAGE VI(off) (V)
VCE=-5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com