Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC186 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC186
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC186 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC186 Datasheet HTML 10Page - Semtech Corporation SC186 Datasheet HTML 11Page - Semtech Corporation SC186 Datasheet HTML 12Page - Semtech Corporation SC186 Datasheet HTML 13Page - Semtech Corporation SC186 Datasheet HTML 14Page - Semtech Corporation SC186 Datasheet HTML 15Page - Semtech Corporation SC186 Datasheet HTML 16Page - Semtech Corporation SC186 Datasheet HTML 17Page - Semtech Corporation SC186 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
SC186
Applications Information (continued)
load resistance. When the load presented falls below the
current limit holding level, the output will charge to the
upper PSAVE voltage threshold and return to normal
operation. The SC186 is capable of sustaining an indefi-
nite short circuit without damage. During the soft start, if
current limit has occurred before the SS voltage has
reached 400mV, the part enters foldback current limit
mode. Foldback current limit mode will be disabled during
soft-start after the SS voltage is higher than 400mV.
Over-Voltage Protection
In the event of a 15% over-voltage on the output, the
PWM drive is disabled with the LX pin floating. Switching
does not resume until the output voltage falls below the
nominal V
OUT regulation voltage.
Programmable Output Voltage
The SC186 has fifteen pre-determined output voltage
values which can be individually selected by program-
ming the CTL input pins (see Table 1 — Output Voltage
Settings). Each CTL pin has an active 500kΩ internal pull-
down resistor. The 500kΩ resistor is switched in circuit
whenever the CTL input voltage is below the input thresh-
old, or when the part is in under voltage lockout. It is
recommended to tie all high CTL pins together and use an
external pull-up resistor to AVIN if there is no enable signal
or if the enable input is an open drain/collector signal. The
CTL pins may be driven by a microprocessor to allow
dynamic voltage adjustment for systems that reduce the
supply voltage when entering sleep states. Avoid all zeros
being present on the CTL pins when changing program-
mable output voltages as this would disable the device.
SC186 is also capable of regulating a different (higher)
output voltage, which is not shown in the Table 1, via an
external resistor divider. There will be a typical 2μA current
flowing into the VOUT pin. The typical schematic for an
adjustable output voltage option from the standard 1.0V
with CTLx=[0010], is shown in Figure 2. RFB1 and RFB2 are
used to adjust the desired output voltage. If the RFB2
current is such that the 2μA VOUT pin current can be
ignored, then RFB1 can be found using the next equation.
RFB2 needs to be low enough in value for the current
through the resistor chain to be at least 20μA in order to
ignore the VOUT pin current.
CTL0
CTL1
PGND
AVIN
LX
VOUT
SC186
PVIN
CTL2
AGND
CTL3
PGOOD
SSA
CSS
10nF
VOUT
COUT
L
RFB2
10kΩ
CFF
RFB1
RFB1 = (VOUT-1)
x RFB2
for CTLX = 0010
(1.0V)
VIN
CAVIN
0.1µF
RAVIN-1Ω
CIN
22µF
RPGOOD
100kΩ
Enable
Figure 2 — Output Voltage Programming
2
FB
OSTD
OSTD
OUT
1
FB
R
V
V
V
R
where V
OSTD is the pre-determined output voltage via the
CTL pins.
C
FF is needed to maintain good transient response perfor-
mance. The correct value of C
FF can be found using the
following equation.
)
5
.
0
V
V
(
V
V
]
k
[
R
5
.
0
V
5
.
2
]
nF
[
C
OSTD
OSTD
OSTD
OUT
1
FB
2
OUT
FF
To simplify the design, it is recommended to program the
desired output voltage from a standard 1.0V as shown in
Figure 2 with a proper C
FF calculated from Equation 2. For
programming the output voltage from other standard
voltages, R
FB1, RFB2 and CFF need to be adjusted to conform
to the previous equations.
Shut Down
When all CTL pins are low, the device will run in shutdown
mode, drawing less than 1μA from the input power supply.
The internal switches and band-gap voltage will be imme-
diately turned off.
Thermal Shutdown
The device has a thermal shutdown feature to protect the
SC186 if the junction temperature exceeds 160°C. During
thermal shutdown, the on-chip power devices are dis-
abled, floating the LX output. When the temperature
drops by 10°C, it will initiate a soft start cycle to resume
normal operation.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com