Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC186 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC186
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC186 Datasheet(HTML) 2 Page - Semtech Corporation

  SC186 Datasheet HTML 1Page - Semtech Corporation SC186 Datasheet HTML 2Page - Semtech Corporation SC186 Datasheet HTML 3Page - Semtech Corporation SC186 Datasheet HTML 4Page - Semtech Corporation SC186 Datasheet HTML 5Page - Semtech Corporation SC186 Datasheet HTML 6Page - Semtech Corporation SC186 Datasheet HTML 7Page - Semtech Corporation SC186 Datasheet HTML 8Page - Semtech Corporation SC186 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SC186
Pin Configuration
Ordering Information
Device
Package
SC186ULTRT(1)(2)
3 x 3 x 0.6 (mm) MLPQ-UT16
SC186EVB(5)
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Device is lead-free, Halogen free, and RoHS/WEEE compliant.
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
T
SS
PGND
PVIN
CTL0
AGND
AVIN
PGND
VOUT
3 x 3 x 0.6 (mm) MLPQ-UT16
θ
JA = 40°C/W; θJC = 7°C/W
Marking Information
Table 1 – Output Voltage Settings
CTL3
CTL2
CTL1
CTL0
Output Voltage
0
0
0
0
Shutdown
0
0
0
1
0.8
0
0
1
0
1.00
0
0
1
1
1.025
0
1
0
0
1.05
0
1
0
1
1.20
0
1
1
0
1.25
0
1
1
1
1.30
1
0
0
0
1.50
1
0
0
1
1.80
1
0
1
0
2.20
1
0
1
1
2.50
1
1
0
0
2.60
1
1
0
1
2.80
1
1
1
0
3.00
1
1
1
1
3.30
186
yyww
xxxx
yyww = Date Code
XXXX = Semtech Lot number
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com