Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21152 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC21152 Datasheet HTML 7Page - Semtech Corporation SC21152 Datasheet HTML 8Page - Semtech Corporation SC21152 Datasheet HTML 9Page - Semtech Corporation SC21152 Datasheet HTML 10Page - Semtech Corporation SC21152 Datasheet HTML 11Page - Semtech Corporation SC21152 Datasheet HTML 12Page - Semtech Corporation SC21152 Datasheet HTML 13Page - Semtech Corporation SC21152 Datasheet HTML 14Page - Semtech Corporation SC21152 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SC21152
11
Pin Descriptions - 1.5x2mm 6-lead MLPD
Pin #
Pin Name
Pin Description
1
VIN
Input Supply Voltage for the device and sense point for the input Under Voltage Lock Out.
2
PG
Power Good Output. Open-drain Power Good indicator. An open indicates that the output voltage is
in regulation. The Power Good pin requires an external pullup.
3
EN
Enable input. Connect to logic high or VIN to enable the device. Connect to logic low or GND to dis-
able the device.
4
FB
Feedback input (output voltage sense). For adjustable VOUT options, connect to the midpoint of a
resistor divider between the output capacitor and GND.
For fixed VOUT options connect to the output capacitor.
5
GND
Ground connection.
6
LX
Switching node connection to inductor.
PAD
PAD
Thernal ground for heatsinking. Connect to GND with multiple vias.
Block Diagram
PW M /Power Save
Controller
G ND
VIN
G ain Am p
LX
EN
PM O S
NM O S
Ram p
G en
ICO M P
PW M Com p
G ate
Drive
ICO M P
Ref
Fixed/
Adjustable
Vout Select
Device Enable
and UVLO
PG
Power G ood
1
6
5
4
3
2
FB
PAD
PAD
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com