Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21152 Datasheet (PDF) - Semtech Corporation

SC21152 Datasheet PDF - Semtech Corporation
Part # SC21152
Download  SC21152 Download
File Size   1277.82 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Tiny 1.2A Synchronous Buck Regulator with Power Good

SC21152 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC21152 Datasheet PDF - Semtech Corporation

Part # SC21152
Download  SC21152 Click to download

File Size   1277.82 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Tiny 1.2A Synchronous Buck Regulator with Power Good

SC21152 Datasheet (HTML) - Semtech Corporation




Similar Part No. - SC21152

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
SC21152 GENNUM-SC21152 Datasheet
1Mb / 18P
Adaptive On-Time architecture
More results


Similar Description - SC21152

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
Synchronous Buck Converter With Power Good Detector & LDO
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
Micrel Semiconductor
MIC33153 MICREL-MIC33153 Datasheet
950Kb / 17P
4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
logo
Global Mixed-mode Techn...
AT1362C GMT-AT1362C Datasheet
92Kb / 1P
Synchronous Buck Converter With Power Good Detector & LDO
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
Synchronous Buck Converter With Power Good Detector & LDO
logo
Microchip Technology
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com