Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4910B Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4910B
Description  High Performance Secondary Side Controller with Synchronous Rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4910B Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4910B Datasheet HTML 9Page - Semtech Corporation SC4910B Datasheet HTML 10Page - Semtech Corporation SC4910B Datasheet HTML 11Page - Semtech Corporation SC4910B Datasheet HTML 12Page - Semtech Corporation SC4910B Datasheet HTML 13Page - Semtech Corporation SC4910B Datasheet HTML 14Page - Semtech Corporation SC4910B Datasheet HTML 15Page - Semtech Corporation SC4910B Datasheet HTML 16Page - Semtech Corporation SC4910B Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
 2005 Semtech Corp.
www.semtech.com
SC4910A/B
POWER MANAGEMENT
Typical Characteristics
Icc vs Vcc
8.00
10.00
12.00
14.00
16.00
18.00
4.5
6.5
8.5
10.5
12.5
14.5
Vcc (V)
TA = 25°C
Sync/En = High
Sync/En = Low
Icc vs Temperature
0.00
5.00
10.00
15.00
20.00
25.00
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vcc = 12V
Syn/En = High
Syn/En = Low
(Sc4910A) UVLO Hysteresis vs Temperature
550.00
555.00
560.00
565.00
570.00
575.00
580.00
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
(Sc4910A) UVLO High Threshold vs Temperature
8.90
8.91
8.92
8.93
8.94
8.95
8.96
8.97
8.98
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
(Sc4910B) UVLO Hysteresis vs Temperature
284.00
286.00
288.00
290.00
292.00
294.00
296.00
298.00
300.00
302.00
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
(Sc4910B) UVLO High Threshold vs Temperature
4.52
4.52
4.53
4.53
4.54
4.54
4.55
4.55
4.56
-40
-20
0
20
40
60
80
100
120
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com