Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4910B Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4910B
Description  High Performance Secondary Side Controller with Synchronous Rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4910B Datasheet(HTML) 3 Page - Semtech Corporation

  SC4910B Datasheet HTML 1Page - Semtech Corporation SC4910B Datasheet HTML 2Page - Semtech Corporation SC4910B Datasheet HTML 3Page - Semtech Corporation SC4910B Datasheet HTML 4Page - Semtech Corporation SC4910B Datasheet HTML 5Page - Semtech Corporation SC4910B Datasheet HTML 6Page - Semtech Corporation SC4910B Datasheet HTML 7Page - Semtech Corporation SC4910B Datasheet HTML 8Page - Semtech Corporation SC4910B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
 2005 Semtech Corp.
www.semtech.com
SC4910A/B
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
r
e
i
f
il
p
m
A
r
o
r
r
E
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
1
.
05
A
µ
e
g
a
tl
o
V
t
e
s
ff
O
27
V
m
n
i
a
G
p
o
o
L
n
e
p
O
0
8
B
d
R
R
M
C
)
1
(
0
7
B
d
R
R
S
P
)
1
(
0
7
B
d
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O
I
P
M
O
C
A
m
0
.
1
=5
7
.
19
.
1
V
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
I
P
M
O
C
A
m
0
.
1
=9
.
00
.
1
V
h
t
d
i
w
d
n
a
B
n
i
a
G
y
ti
n
U
)
1
(
0
.
5
z
H
M
e
t
a
R
w
e
l
S
)
1
(
0
.
2
S
µ
/
V
r
o
t
a
ll
i
c
s
O
e
g
n
a
R
y
c
n
e
u
q
e
r
FR
y
c
n
e
u
q
e
r
F
.
n
i
M
1
T
R
=
2
T
K
0
0
5
=0
5z
H
K
R
y
c
n
e
u
q
e
r
F
.
x
a
M
1
T
R
=
2
T
K
5
2
=0
0
0
1
y
c
n
e
u
q
e
r
F
0
5
40
0
50
5
5z
H
K
e
g
a
tl
o
V
k
a
e
P
)
1
(
5
.
2V
e
g
a
tl
o
V
y
e
ll
a
V
)
1
(
0
.
1
V
h
g
i
H
t
u
p
n
I
e
l
b
a
n
E
0
.
2
V
w
o
L
t
u
p
n
I
e
l
b
a
n
E
8
.
0
V
e
l
c
y
C
y
t
u
D
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
)
2
(
0
9
%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M
0
%
e
c
n
a
r
e
l
o
T
e
l
c
y
C
y
t
u
D
5
-5
+
%
t
i
m
i
L
t
n
e
r
r
u
C
d
l
o
h
s
e
r
h
T
e
l
c
y
C
y
b
e
l
c
y
C
5
7
9
.
05
2
0
.
15
7
0
.
1
V
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
S
1
.
15
2
.
14
.
1
V
t
u
p
t
u
O
o
t
y
a
l
e
D
)
2
(
0
0
1
S
n
e
c
n
a
d
e
p
m
I
t
u
p
n
I
)
2
(
0
2
k
Ω
Unless specified: T
A = T
J
= -40°C to 125°C , V
CC = 12V, R
T1
= R
T2
= 50K, R
DELAY
= 50K, C
SS
= 0.1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com