Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F534 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F534
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F534 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F534 Datasheet HTML 1Page - National Semiconductor (TI) 74F534 Datasheet HTML 2Page - National Semiconductor (TI) 74F534 Datasheet HTML 3Page - National Semiconductor (TI) 74F534 Datasheet HTML 4Page - National Semiconductor (TI) 74F534 Datasheet HTML 5Page - National Semiconductor (TI) 74F534 Datasheet HTML 6Page - National Semiconductor (TI) 74F534 Datasheet HTML 7Page - National Semiconductor (TI) 74F534 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
100
60
70
MHz
tPLH
Propagation Delay
40
65
85
40
105
40
100
ns
tPHL
CP to On
40
65
85
40
110
40
100
tPZH
Output Enable Time
20
90
115
20
140
20
125
tPZL
20
58
75
20
100
20
85
ns
tPHZ
Output Disable Time
15
53
70
15
80
15
80
tPLZ
15
43
55
15
75
15
65
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
20
20
20
ts(L)
Dn to CP
20
25
20
ns
th(H)
Hold Time HIGH or LOW
20
20
20
th(L)
Dn to CP
20
25
20
tw(H)
CP Pulse Width
70
70
70
ns
tw(L)
HIGH or LOW
60
60
60
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
534
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
Temperature Range
Package Code
CeCommercial (0 Cto a70 C)
P e Plastic DIP
MeMilitary (b55 Cto a125 C)
D e Ceramic DIP
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com