Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F534 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F534
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F534 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F534 Datasheet HTML 1Page - National Semiconductor (TI) 74F534 Datasheet HTML 2Page - National Semiconductor (TI) 74F534 Datasheet HTML 3Page - National Semiconductor (TI) 74F534 Datasheet HTML 4Page - National Semiconductor (TI) 74F534 Datasheet HTML 5Page - National Semiconductor (TI) 74F534 Datasheet HTML 6Page - National Semiconductor (TI) 74F534 Datasheet HTML 7Page - National Semiconductor (TI) 74F534 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9549
May 1995
54F74F534
Octal D-Type Flip-Flop with TRI-STATE
Outputs
General Description
The ’F534 is a high speed low-power octal D-type flip-flop
featuring separate D-type inputs for each flip-flop and
TRI-STATE outputs for bus-oriented applications A buff-
ered Clock (CP) and Output Enable (OE) are common to all
flip-flops The ’F534 is the same as the ’F374 except that
the outputs are inverted
Features
Y
Edge-triggered D-type inputs
Y
Buffered positive edge-triggered clock
Y
TRI-STATE outputs for bus-oriented applications
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F534PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F534DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F534SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F534SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F534FM (Note 2)
W20A
20-Lead Cerpack
54F534LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9549 – 1
IEEEIEC
TLF9549 – 5
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D7
Data Inputs
1010
20 mA b06 mA
CP
Clock Pulse Input (Active Rising Edge)
1010
20 mA b06 mA
OE
TRI-STATE Output Enable Input (Active LOW)
1010
20 mA b06 mA
O0–O7
Complementary TRI-STATE Outputs
15040(333) b3 mA24 mA (20 mA)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F534

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F534 PHILIPS-74F534 Datasheet
97Kb / 12P
Latch/flip-flop
1999 Jan 08
logo
Fairchild Semiconductor
74F534 FAIRCHILD-74F534 Datasheet
60Kb / 6P
Octal D-Type Flip-Flop with 3-STATE Outputs
74F534 FAIRCHILD-74F534 Datasheet
72Kb / 7P
Octal D-Type Flip-Flop with 3-STATE Outputs
74F534PC FAIRCHILD-74F534PC Datasheet
60Kb / 6P
Octal D-Type Flip-Flop with 3-STATE Outputs
74F534PC FAIRCHILD-74F534PC Datasheet
72Kb / 7P
Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74F534

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT574 NSC-54ABT574 Datasheet
323Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com