Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTB18VAC1 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # INTB18VAC1
Description  FOR ESD PROTECTION SILICON EPITAXIAL TYPE(COMMON ANODE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INTB18VAC1 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  INTB18VAC1 Datasheet HTML 1Page - Isahaya Electronics Corporation INTB18VAC1 Datasheet HTML 2Page - Isahaya Electronics Corporation INTB18VAC1 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
< DIODE >
INTB18VAC1
FOR ESD PROTECTION
SILICON EPITAXIAL TYPE(COMMON ANODE)
TYPICAL CHARACTERISTICS
10
1
0.1
0.01
0.001
16
17
18
19
20
Reverse voltage:VR (V)
IR‐VR
1
0.1
0.01
8
10
12
14
16
Reverse voltage:VR (V)
IR‐VR
Ct‐VR
30
20
10
0
0
5
10
15
Reverse voltage:VR (V)
75℃
50℃
25℃
0℃
-25℃
Ta = 25℃
Ta = 25℃
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com