Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INTB18VAC1 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # INTB18VAC1
Description  FOR ESD PROTECTION SILICON EPITAXIAL TYPE(COMMON ANODE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INTB18VAC1 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  INTB18VAC1 Datasheet HTML 1Page - Isahaya Electronics Corporation INTB18VAC1 Datasheet HTML 2Page - Isahaya Electronics Corporation INTB18VAC1 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
< DIODE >
INTB18VAC1
FOR ESD PROTECTION
SILICON EPITAXIAL TYPE(COMMON ANODE)
DESCRIPTION
INTB18VAC1 is super mini package plastic seal type silicon epitaxial
type diode.
It guarantees ESD protection of LEVEL4 with IEC61000-4-2. It is
suitable for ESD protection of external interface circuit.
FEATURE
● Possible to high density mounting with small sized package
and double diode
● Guaranteed ESD protection;
IEC61000-4-2(air) ±15KV
IEC61000-4-2(contact) ±8KV
APPLICATION
ESD protection for external interface circuit
MAXIMUM RATINGS(Ta=25℃)
Parameter
Symbol
Ratings
Unit
Total power dissipation
PT
300*
mW
Junction temperature
Tj
+150
℃
Strage temperature
Tstg
-55 ~ +150
℃
*Mounted on glass epoxy board (19mm×9mm×1mm)
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Parameter
Symbol
Test conditions
Limits
Unit
Min
Typ
Max
Breakdown voltage
VBR
IR=5mA
17.1
18
18.9
V
Reverse current
IR
VR=14V
-
-
1.0
µA
Pin capacitance
CT
VR=0V
-
24
-
pF
GUARANTEED ESD PROTECTION
Test condition
ESD protection
Unit
IEC61000-4-2(Contact discharge)
±15
kV
IEC61000-4-2(Air discharge)
±8
kV
OUTLINE DRAWING
UNIT : mm
JEITA : SC-59
JEDEC:-
TERMINAL CONNECTION
①: CATHODE1
②: CATHODE2
③: ANODE ( COMMON )
MARKING
INTERNAL CONNECTION
2.8
0.65
1.5
0.65
①
②
③
③
②
①
T・5


Similar Part No. - INTB18VAC1

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
INT LINKCOM-INT Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
Custom Substrates - Metal Via / Multilayer / Lumped Element
14-Sep-2018
logo
TE Connectivity Ltd
INT-1221-S-01 TEC-INT-1221-S-01 Datasheet
788Kb / 4P
INTEGRA 1221 DIGITAL METERING SYSTEM
logo
List of Unclassifed Man...
INT-1462 ETC2-INT-1462 Datasheet
52Kb / 3P
Conexant Fusion??878A (CX25878A), PC99 Compliant
logo
Banner Engineering Corp...
INT-BBB-X232Q5 BANNER-INT-BBB-X232Q5 Datasheet
517Kb / 2P
RS-232 Converter: Model INT-BBB-X232Q5
218631 Rev. A
More results

Similar Description - INTB18VAC1

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
MC2846 ISAHAYA-MC2846 Datasheet
93Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(COMMON ANODE)
logo
ON Semiconductor
NZL5V6ATT1 ONSEMI-NZL5V6ATT1 Datasheet
122Kb / 4P
SC75 Dual Common Anode Zener for ESD Protection
May, 2006 ??Rev. 3
logo
Isahaya Electronics Cor...
MC2852 ISAHAYA-MC2852 Datasheet
135Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(COMMON ANODE)
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
DS32004 Rev. 3 - 2
logo
Isahaya Electronics Cor...
INT05V3AM1 ISAHAYA-INT05V3AM1 Datasheet
197Kb / 3P
FOR ESD PROTECTION SILICON EPITAXIAL TYPE
RT3DAAM ISAHAYA-RT3DAAM Datasheet
332Kb / 3P
FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(ANODE COMMON)
logo
Rectron Semiconductor
ESDXXXAL RECTRON-ESDXXXAL Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
ESDXXXALV RECTRON-ESDXXXALV Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
logo
TECH PUBLIC Electronics...
MMBZ27VALT1G TECHPUBLIC-MMBZ27VALT1G Datasheet
996Kb / 4P
Dual Common Anode zeners for ESD Protection
logo
Guangdong Youtai Semico...
MMBZXXXALT1G UMW-MMBZXXXALT1G Datasheet
546Kb / 5P
Common Anode Zeners for ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com