Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSP0201 Datasheet(PDF) 1 Page - Protek Devices

Part # CSP0201
Description  BIDIRECTIONAL TVS COMPONENT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CSP0201 Datasheet(HTML) 1 Page - Protek Devices

  CSP0201 Datasheet HTML 1Page - Protek Devices CSP0201 Datasheet HTML 2Page - Protek Devices CSP0201 Datasheet HTML 3Page - Protek Devices CSP0201 Datasheet HTML 4Page - Protek Devices CSP0201 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05487.R1 12/15
Page 1
CSP0201
BIDIRECTIONAL TVS COMPONENT
APPLICATIONS
• Smartphones
• MP3 Players
• Digital Cameras
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Available in 5.0V
• Bidirectional Configuration and Monolithic Structure
• Protection for 1 Line
• RoHS Compliant
• REACH Compliant
MECHANICAL CHARACTERISTICS
• Lead-Free Plating
• Solder Reflow Temperature:
•
Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
• Flammability Rating UL 94V-0
• Thickness 9 mils
• Metalization: Top Metal - Ni/Au
PIN CONFIGURATION
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
LEAKAGE
CURRENT
(Note 1)
@V
WM
I
D
µA
TYPICAL
CAPACITANCE
@0V, 1MHz
C
pF
CSP0201
5.0
6.0
10
10
NOTES
1. Maximum leakage current < 500nA @ 3.3V.


Similar Part No. - CSP0201

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CSP040605C PROTEC-CSP040605C Datasheet
114Kb / 5P
CHIP SCALE LOW CAPACITANCE FLIP CHIP TVSARRAY
CSP040605C PROTEC-CSP040605C Datasheet
541Kb / 8P
200w chip scale tvs array
CSP040605C PROTEC-CSP040605C Datasheet
543Kb / 8P
200W CHIP SCALE
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
200w chip scale tvs array
CSP040605C PROTEC-CSP040605C_12 Datasheet
543Kb / 8P
200W CHIP SCALE
More results

Similar Description - CSP0201

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
POWER TVS COMPONENT
PLW28 PROTEC-PLW28 Datasheet
70Kb / 3P
LOW CAPACITANCE TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
POWER TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
PHYTVSXXXV4 PROTEC-PHYTVSXXXV4 Datasheet
648Kb / 6P
HYBRID TVS COMPONENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com