Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCS Datasheet(PDF) 6 Page - XP Power Limited

Part # GCS
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS Datasheet(HTML) 6 Page - XP Power Limited

Back Button GCS Datasheet HTML 2Page - XP Power Limited GCS Datasheet HTML 3Page - XP Power Limited GCS Datasheet HTML 4Page - XP Power Limited GCS Datasheet HTML 5Page - XP Power Limited GCS Datasheet HTML 6Page - XP Power Limited GCS Datasheet HTML 7Page - XP Power Limited GCS Datasheet HTML 8Page - XP Power Limited GCS Datasheet HTML 9Page - XP Power Limited GCS Datasheet HTML 10Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GCS Series
AC-DC Power Supplies
www.xppower.com
Safety Approvals
EMC: Immunity
EMC: Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55011/22
Class B
Radiated
EN55011/22
Class B
GCS150
Class A
GCS180/GCS250/GCS350
Class B
GCS180 & GCS250 with 3 turns of output cable
through added ferrite core. (Manufacturer:
Fair - Rite Products Corp, Part No: 2643800502)
Harmonic Fluctuations
EN61000-3-3
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1:2005 Ed 2
Information Technology
IEC60601-1 Ed 3 Including Risk Management
Medical
UL
UL60950-1 (2007), CSA 22.2 No.60950-1-1:08
Information Technology
ANSI/AAMI ES60601-1:2005 & CSA C22.2, No.60601-1:08
Medical
TUV
EN60950-1:2006
Information Technology
EN60601-1/A12:2006
Medical
CE
LVD & RoHS
Equipment Protection Class
Class I & Class II
See safety agency conditions of acceptibility for details
Means of Protection
Category
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection)
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Low Voltage PSU EMC
EN61204-3
High severity level
as below
Harmonic Current
EN61000-3-2
Class A
All models
Class C
> 50 W GCS150
> 50 W GCS180
> 80 W GCS250
>125 W GCS350
Radiated
EN61000-4-3
3A
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Dips and Interruptions
EN55024
(100 VAC)
Dip >95% (0 VAC), 8.3ms
A
Dip 30% (70 VAC), 416ms
B
Dip >95% (0 VAC), 4160ms
B
EN55024
(240 VAC)
Dip >95% (0 VAC), 10.0ms
A
Dip 30% (168 VAC), 500ms
B
Dip >95% (0 VAC), 5000ms
B
EN60601-1-2
(100 VAC)
Dip >95% (0 VAC), 10.0ms
A
Dip 60% (40 VAC), 100ms
A
Derate Output Power to 85 W (GCS150)
Derate Output Power to 90 W (GCS180)
Derate Output Power to 120 W (GCS250)
Derate Output Power to 150 W (GCS350)
Dip 30% (70 VAC), 500ms
A
Dip >95% (0 VAC), 5000ms
B
EN60601-1-2
(240 VAC)
Dip >95% (0 VAC), 10.0ms
A
Dip 60% (96 VAC), 100ms
A
Dip 30% (168 VAC), 500ms
A
Dip >95% (0 VAC), 5000ms
B
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com