Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCS Datasheet(PDF) 3 Page - XP Power Limited

Part # GCS
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS Datasheet(HTML) 3 Page - XP Power Limited

  GCS Datasheet HTML 1Page - XP Power Limited GCS Datasheet HTML 2Page - XP Power Limited GCS Datasheet HTML 3Page - XP Power Limited GCS Datasheet HTML 4Page - XP Power Limited GCS Datasheet HTML 5Page - XP Power Limited GCS Datasheet HTML 6Page - XP Power Limited GCS Datasheet HTML 7Page - XP Power Limited GCS Datasheet HTML 8Page - XP Power Limited GCS Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GCS Series
AC-DC Power Supplies
www.xppower.com
Output
Output Overload Characteristic
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
56
VDC
See Models and Ratings table
Initial Set Accuracy
±1 (V1) & ±5(Vfan)
%
50% load, 115/230 VAC
Output Voltage Adjustment -V1
±2
%
Via potentiometer. See mech. details, Vfan will track
Minimum Load
0A
Start Up Delay
0.5
s
115/230 VAC full load
Hold Up Time
20
ms
GCS150 Models
16/18
GCS180 Models
25
GCS250PS12 (225W)
17
GCS250 Other Models (250W)
17
GCS350
Drift
±0.2
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±0.5 (V1) , ±5(Vfan)
%
0-100% load
Transient Response - V1
4%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot - V1
0%
Ripple & Noise - V1
1
% pk-pk
20 MHz bandwidth, 12V Models 1.5% max
Overvoltage Protection - V1
110
140
%
Vnom DC. Output 1, recycle input to reset
Overload Protection - V1
110
150
% I nom
See fig. 2. Trip and Restart
Short Circuit Protection - V1
Continuous
Temperature Coefficient
0.05
%/˚C
Overtemperature Protection
110
°C
At measurement point. Present on GCS350 only.
Measured internally, auto resetting
Trip & Restart
0
12
10
8
6
4
2
Output Load (A)
0
24
68
10
12
14
16
18
20
22
24
Figure 2
GCS180PS12 example (other similar).
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com