Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6375 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6375
Description  270V Common Mode Voltage Difference Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6375 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6375 Datasheet HTML 9Page - Linear Technology LT6375 Datasheet HTML 10Page - Linear Technology LT6375 Datasheet HTML 11Page - Linear Technology LT6375 Datasheet HTML 12Page - Linear Technology LT6375 Datasheet HTML 13Page - Linear Technology LT6375 Datasheet HTML 14Page - Linear Technology LT6375 Datasheet HTML 15Page - Linear Technology LT6375 Datasheet HTML 16Page - Linear Technology LT6375 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT6375
13
6375fa
For more information www.linear.com/LT6375
PIN FUNCTIONS
V+ (Pin 9/Pin 10): Positive Supply Pin.
V– (Exposed Pad Pin 15/Pin 8): Negative Supply Pin.
OUT (Pin 8/Pin 9): Output Pin.
+IN (Pin 1/Pin 1): Noninverting Input Pin. Accepts input
voltages from 270V to –270V.
+REFA (Pin 3/Pin 3): Reference Pin A. Sets the input
common mode range and the output noise and offset.
+REFB (Pin 4/Pin 5): Reference Pin B. Sets the input
common mode range and the output noise and offset.
+REFC (Pin 5/Pin 6): Reference Pin C. Sets the input
common mode range and the output noise and offset.
–IN (Pin 14/Pin 16): Inverting Input Pin. Accepts input
voltages from 270V to –270V.
(DFN/MSOP)
–REFA (Pin 12/Pin 14): Reference Pin A. Sets the input
common mode range and the output noise and offset.
–REFB (Pin 11/Pin 12): Reference Pin B. Sets the input
common mode range and the output noise and offset.
–REFC (Pin 10/Pin 11): Reference Pin C. Sets the input
common mode range and the output noise and offset.
REF (Pin 6/Pin 7): Reference Input. Sets the output level
when the difference between the inputs is zero.
SHDN (Pin 7) DFN Only: Shutdown Pin. Amplifier is ac-
tive when this pin is tied to V+ or left floating. Pulling the
pin >2.5V below V+ causes the amplifier to enter a low
power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com